Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA0636 Datasheet (PDF) - Sanyo Semicon Device

ENA0636 Datasheet PDF - Sanyo Semicon Device
Part # ENA0636
Download  ENA0636 Download
File Size   54.26 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 5A Rectifier

ENA0636 Datasheet (PDF)

Go To PDF Page Download Datasheet
ENA0636 Datasheet PDF - Sanyo Semicon Device

Part # ENA0636
Download  ENA0636 Click to download

File Size   54.26 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 5A Rectifier

ENA0636 Datasheet (HTML) - Sanyo Semicon Device


ENA0636 Product details

160V, 5A Rectifier

Features
• Tj=150°C.
• Low forward voltage (VF max=0.80V).
• Short reverse recovery time.
• Low switching noise.
• High reliability due to planar structure.
• Attachment workability is good by Mica-less package.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - ENA0636

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0605A SANYO-ENA0605A Datasheet
437Kb / 6P
Varactor Diode for AFC, VCO
ENA0628A SANYO-ENA0628A Datasheet
43Kb / 3P
Schottky Barrier Diode S to X-Band Detector, Mixer Applications
ENA0628B SANYO-ENA0628B Datasheet
351Kb / 5P
S to X-Band Detector, Mixer Applications
ENA0649 SANYO-ENA0649 Datasheet
97Kb / 8P
Bi-CMOS LSI Two channels Constant-current H-bridge Driver
ENA0649 SANYO-ENA0649 Datasheet
98Kb / 8P
Two channels Constant-current H-bridge Driver
More results


Similar Description - ENA0636

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBR100-16JS SANYO-SBR100-16JS Datasheet
39Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 10A Rectifier
SBR160-10J SANYO-SBR160-10J Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 16A Rectifier
SBR200-16JS SANYO-SBR200-16JS Datasheet
40Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 20A Rectifier
SBT100-16LS SANYO-SBT100-16LS Datasheet
40Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 10A Rectifier
SBT150-06J SANYO-SBT150-06J Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 15A Rectifier
SBT250-04Y SANYO-SBT250-04Y Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 25A Rectifier
SBT350-06L SANYO-SBT350-06L Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 35A Rectifier
SBT350-10L SANYO-SBT350-10L Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 35A Rectifier
SBR30016JS SANYO-SBR30016JS Datasheet
54Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 30A Rectifier
RU-SPX4 SANYO-RU-SPX4 Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com