Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150U60DL Datasheet (PDF) - Vishay Siliconix

150U60DL Datasheet PDF - Vishay Siliconix
Part # 150U60DL
Download  150U60DL Download
File Size   99.55 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 150 A

150U60DL Datasheet (PDF)

Go To PDF Page Download Datasheet
150U60DL Datasheet PDF - Vishay Siliconix

Part # 150U60DL
Download  150U60DL Click to download

File Size   99.55 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 150 A

150U60DL Datasheet (HTML) - Vishay Siliconix


150U60DL Product details

FEATURES
• Diffused diode
• High voltage ratings up to 1200 V
• High surge current capabilities
• Stud cathode and stud anode version
• Hermetic metal case
• RoHS compliant
• Designed and qualified for industrial level

TYPICAL APPLICATIONS
• Welders
• Power supplies
• Machine tool controls
• High power drives
• Medium traction applications
• Battery charges
• Freewheeling diodes




Similar Part No. - 150U60DL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
150U60DL IRF-150U60DL Datasheet
87Kb / 6P
STANDARD RECOVERY DIODES
logo
Vishay Siliconix
150U60DL VISHAY-150U60DL Datasheet
115Kb / 7P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
More results


Similar Description - 150U60DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
45LR VISHAY-45LR Datasheet
166Kb / 6P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
logo
New Jersey Semi-Conduct...
45L NJSEMI-45L Datasheet
66Kb / 2P
Standard Recovery Diodes (Stud Version), 150 A
logo
Vishay Siliconix
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
Standard Recovery Diodes (Stud Version), 25 A
29-Sep-08
45LR VISHAY-45LR_12 Datasheet
198Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
150U60D VISHAY-150U60D_12 Datasheet
115Kb / 7P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
Standard Recovery Diodes (Stud Version), 150 A
30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
25-Nov-13
VS-45LR VISHAY-VS-45LR Datasheet
214Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
25-Nov-13
VS-150U VISHAY-VS-150U_V01 Datasheet
154Kb / 7P
Standard Recovery Diodes, (Stud Version), 150 A
11-Jan-18
VS-45LR VISHAY-VS-45LR_V01 Datasheet
196Kb / 9P
Standard Recovery Diodes, (Stud Version), 150 A
Revision: 11-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com