Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V20150SG Datasheet (PDF) - Vishay Siliconix

V20150SG Datasheet PDF - Vishay Siliconix
Part # V20150SG
Download  V20150SG Download
File Size   167.43 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 5 A

V20150SG Datasheet (PDF)

Go To PDF Page Download Datasheet
V20150SG Datasheet PDF - Vishay Siliconix

Part # V20150SG
Download  V20150SG Click to download

File Size   167.43 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 5 A

V20150SG Datasheet (HTML) - Vishay Siliconix


V20150SG Product details

Ultra Low VF = 0.57 V at IF = 5 A



FEATURES

• Trench MOS Schottky technology

• Low forward voltage drop, low power losses

• High efficiency operation

• Solder bath temperature 275 °C max. 10 s, per JESD 22-B106

• AEC-Q101 qualified

• Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC

• Halogen-free according to IEC 61249-2-21 definition



TYPICAL APPLICATIONS

  For use in high frequency DC/DC converters, switching power supplies, freewheeling diodes, OR-ing diode, and reverse battery protection.



 




Similar Part No. - V20150SG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20150SG VISHAY-V20150SG Datasheet
131Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
V20150SG VISHAY-V20150SG Datasheet
163Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V20150SG VISHAY-V20150SG Datasheet
158Kb / 5P
High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 5 A
13-Aug-13
V20150SG VISHAY-V20150SG Datasheet
142Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
09-Nov-17
V20150SG-E3 VISHAY-V20150SG-E3 Datasheet
157Kb / 6P
High efficiency operation
13-Dec-16
More results


Similar Description - V20150SG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20100SG VISHAY-V20100SG Datasheet
160Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
19-Oct-07
V10150S VISHAY-V10150S Datasheet
166Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
19-May-08
V20120SG VISHAY-V20120SG Datasheet
166Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A
19-May-08
V30100P VISHAY-V30100P_08 Datasheet
103Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 8 A
26-May-08
V30120S VISHAY-V30120S_08 Datasheet
165Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 5 A
19-May-08
V20150SG VISHAY-V20150SG_15 Datasheet
158Kb / 5P
High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 5 A
13-Aug-13
V10150S VISHAY-V10150S_15 Datasheet
156Kb / 5P
High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
13-Aug-13
V20M100M-E3 VISHAY-V20M100M-E3 Datasheet
100Kb / 5P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 5 A
11-May-16
VB10170C-E3 VISHAY-VB10170C-E3 Datasheet
93Kb / 4P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 2.5 A
03-Jan-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com