Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M6272X Datasheet (PDF) - Renesas Technology Corp

M6272X Datasheet PDF - Renesas Technology Corp
Part # M6272X
Download  M6272X Download
File Size   75.97 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Voltage Detecting, System Resetting IC Series

M6272X Datasheet (PDF)

Go To PDF Page Download Datasheet
M6272X Datasheet PDF - Renesas Technology Corp

Part # M6272X
Download  M6272X Click to download

File Size   75.97 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Voltage Detecting, System Resetting IC Series

M6272X Datasheet (HTML) - Renesas Technology Corp


M6272X Product details

Description

The M627XXML/SL is a voltage threshold detector designed for detection of a supply voltage and generation of a system reset pulse for almost all logic circuits such as microprocessor.

It also has extensive applications including battery checking, level detecting and waveform shaping circuits.



Features

• Detecting voltage M627X2, M627X3: 2.87V

M627X4, M627X5: 2.58V

M627X6, M627X7: 2.39V

M627X8, M627X9: 1.72V

• Hysterisis voltage 80mV

• Delay time M6270X: 0sec

M6271X: 200usec

M6272X: 50msec

M6273X: 100msec

M6274X: 200msec

• Few external parts

• Low threshold operating voltage

(Supply voltage to keep low-state at low supply voltage) 0.65V (Typ.) at RL=22kΩ

• Wide supply voltage range 1.5V to 7.0V

• Extra small 3-pin package (3-pin FLAT)

• Built-in long delay time



Application

• Reset pulse generation for almost all logic circuits

• Battery checking, level detecting, waveform shaping circuits

• Delayed waveform generator

• Switching circuit to a back-up power supply

• DC/DC converter

• Over voltage protection circuit



Recommended Operating Condition

• Supply voltage range 1.5V to 7.0V




Similar Part No. - M6272X

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62720GP MITSUBISHI-M62720GP Datasheet
20Kb / 4P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
M62720GP RENESAS-M62720GP Datasheet
145Kb / 5P
Voltage Detecting, System Resetting IC Series
logo
Mitsubishi Electric Sem...
M62722 MITSUBISHI-M62722 Datasheet
21Kb / 3P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62722ML MITSUBISHI-M62722ML Datasheet
21Kb / 3P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62722SL MITSUBISHI-M62722SL Datasheet
21Kb / 3P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
More results


Similar Description - M6272X

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
VOLTAGE DETECTING,SYSTEM RESETTING IC
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
VOLTAGE DETECTING, SYSTEM RESETTING IC
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
Voltage Detecting, System Resetting IC Series
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
Voltage Detecting, System Resetting IC Series
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com