Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA240NJ40CPBF Datasheet (PDF) - Vishay Siliconix

HFA240NJ40CPBF Datasheet PDF - Vishay Siliconix
Part # HFA240NJ40CPBF
Download  HFA240NJ40CPBF Download
File Size   141.5 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description HEXFRED® Ultrafast Soft Recovery Diode, 240 A

HFA240NJ40CPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA240NJ40CPBF Datasheet PDF - Vishay Siliconix

Part # HFA240NJ40CPBF
Download  HFA240NJ40CPBF Click to download

File Size   141.5 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description HEXFRED® Ultrafast Soft Recovery Diode, 240 A

HFA240NJ40CPBF Datasheet (HTML) - Vishay Siliconix




Similar Part No. - HFA240NJ40CPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA240NJ40C IRF-HFA240NJ40C Datasheet
323Kb / 5P
Ultrafast, Soft Recovery Diode
More results


Similar Description - HFA240NJ40CPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA120FA120P VISHAY-HFA120FA120P Datasheet
114Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 120 A
16-Oct-08
VS-HFA16TB120PBF VISHAY-VS-HFA16TB120PBF Datasheet
168Kb / 8P
HEXFRED® Ultrafast Soft Recovery Diode, 16 A
18-Aug-11
VS-HFA70FA120 VISHAY-VS-HFA70FA120 Datasheet
148Kb / 6P
HEXFRED® Ultrafast Soft Recovery Diode, 70 A
17-Oct-16
VS-HFA240NJ40CPBF VISHAY-VS-HFA240NJ40CPBF Datasheet
169Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 240 A
29-Oct-16
VS-HFA135NH40PBF VISHAY-VS-HFA135NH40PBF_V02 Datasheet
160Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 275 A
11-Jan-18
VS-HFA140NJ60CPBF VISHAY-VS-HFA140NJ60CPBF_V02 Datasheet
160Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 167 A
05-Jan-18
VS-HFA180NH40PBF VISHAY-VS-HFA180NH40PBF_V02 Datasheet
159Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 180 A
11-Jan-18
VS-HFA240NJ40CPBF VISHAY-VS-HFA240NJ40CPBF_V02 Datasheet
167Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 240 A
11-Jan-17
VS-HFA280NJ60CPBF VISHAY-VS-HFA280NJ60CPBF_V02 Datasheet
169Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 280 A
11-Jan-18
VS-HFA90NH40PBF VISHAY-VS-HFA90NH40PBF_V02 Datasheet
160Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 210 A
11-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com