Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBYV28-50 Datasheet (PDF) - Vishay Siliconix

SBYV28-50 Datasheet PDF - Vishay Siliconix
Part # SBYV28-50
Download  SBYV28-50 Download
File Size   96.71 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Soft Recovery Ultrafast Plastic Rectifier

SBYV28-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBYV28-50 Datasheet PDF - Vishay Siliconix

Part # SBYV28-50
Download  SBYV28-50 Click to download

File Size   96.71 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Soft Recovery Ultrafast Plastic Rectifier

SBYV28-50 Datasheet (HTML) - Vishay Siliconix


SBYV28-50 Product details

FEATURES
• Glass passivated pellet chip junction
• Ultrafast reverse recovery time
• Low forward voltage drop
• Low leakage current
• Low switching losses, high efficiency
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
    For use in high frequency rectification and freewheeling application in switching mode converters and inverters for consumer, computer and telecommunication.




Similar Part No. - SBYV28-50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBYV28-50 VISHAY-SBYV28-50 Datasheet
22Kb / 2P
Soft Recovery Ultrafast Plastic Rectifier
11-Feb-02
SBYV28-50 VISHAY-SBYV28-50 Datasheet
70Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
22-Oct-09
logo
Shenzhen Taychipst Elec...
SBYV28-50 TAYCHIPST-SBYV28-50 Datasheet
15Mb / 2P
Soft Recovery Ultrafast Plastic Rectifier
logo
SUNMATE electronic Co.,...
SBYV28-50 SUNMATE-SBYV28-50 Datasheet
172Kb / 2P
3.0A Axial Leaded Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-50 VISHAY-SBYV28-50 Datasheet
78Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
31-Mar-2022
More results


Similar Description - SBYV28-50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50 Datasheet
21Kb / 2P
Soft Recovery Ultrafast Plastic Rectifier
14-May-03
SBYV27-50 VISHAY-SBYV27-50_07 Datasheet
97Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
20-Aug-07
UF5400 VISHAY-UF5400 Datasheet
97Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
20-Aug-07
SBYV27-50 VISHAY-SBYV27-50_09 Datasheet
71Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
22-Oct-09
SBYV28-50 VISHAY-SBYV28-50_09 Datasheet
70Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
22-Oct-09
UF5400 VISHAY-UF5400_07 Datasheet
71Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
23-Oct-09
logo
Shenzhen Taychipst Elec...
SBYV27-50 TAYCHIPST-SBYV27-50 Datasheet
15Mb / 2P
Soft Recovery Ultrafast Plastic Rectifier
SBYV28-50 TAYCHIPST-SBYV28-50 Datasheet
15Mb / 2P
Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50_V01 Datasheet
75Kb / 5P
Soft Recovery Ultrafast Plastic Rectifier
29-Apr-2020
SBYV28-50 VISHAY-SBYV28-50_V01 Datasheet
78Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
31-Mar-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com