Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62281FP Datasheet (PDF) - Renesas Technology Corp

M62281FP Datasheet PDF - Renesas Technology Corp
Part # M62281FP
Download  M62281FP Download
File Size   157.87 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description General Purpose Current Mode PWM Control IC

M62281FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62281FP Datasheet PDF - Renesas Technology Corp

Part # M62281FP
Download  M62281FP Click to download

File Size   157.87 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description General Purpose Current Mode PWM Control IC

M62281FP Datasheet (HTML) - Renesas Technology Corp


M62281FP Product details

Description
M62281P/FP is designed as a high speed current mode PWM control IC.
This small 10 pin package contains many functions and protection circuits allowing simpler peripheral circuit and compact set design.
This IC can operate high speed switching (700 kHz Max.) with high speed current sense comparator and current limiting circuit.

Features
• 700 kHz applicable to MOS-FET
   - Output current Io(peak) = ±1 A
   - Totempole output
• CURRENT SENSE terminal separate from CLM terminal makes SMPS strong in noise.
• High speed pulse-by-pulse current limiting
• Timer type latch protection circuit with OVP (external reset is possible)
• Soft start operation is possible (with dead time control)
• Built-in OP Amp for feedback control (photo coupler can be driven)
• Small start-up current 180 µA
• Start-up voltage 12.5 V, Stop voltage 8.3 V

Application
   Switching Regulator
   DC/DC converter




Similar Part No. - M62281FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62281FP MITSUBISHI-M62281FP Datasheet
77Kb / 9P
GENERAL PURPOSE CURRENT MODE PWM CONTROL IC
More results


Similar Description - M62281FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62213P MITSUBISHI-M62213P Datasheet
68Kb / 9P
GENERAL PURPOSE HIGH SPEED PWM CONTROL IC
M62281P MITSUBISHI-M62281P Datasheet
77Kb / 9P
GENERAL PURPOSE CURRENT MODE PWM CONTROL IC
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
Current Mode PWM Control Circuit
Rev. 12/23/97
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
CURRENT MODE PWM CONTROL CIRCUITS
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Renesas Technology Corp
HA16150T RENESAS-HA16150T Datasheet
297Kb / 25P
High-Speed Current Mode Push-Pull PWM Control IC
M62213P RENESAS-M62213P Datasheet
149Kb / 11P
General Purpose High Speed PWM Control IC
logo
Unisonic Technologies
UC3842A UTC-UC3842A_11 Datasheet
270Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
ON Semiconductor
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
Current Mode PWM Control
December, 2001 - Rev. 3
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com