Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1700C24K Datasheet (PDF) - Vishay Siliconix

SD1700C24K Datasheet PDF - Vishay Siliconix
Part # SD1700C24K
Download  SD1700C24K Download
File Size   159.72 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Hockey PUK Version), 2100 A

SD1700C24K Datasheet (PDF)

Go To PDF Page Download Datasheet
SD1700C24K Datasheet PDF - Vishay Siliconix

Part # SD1700C24K
Download  SD1700C24K Click to download

File Size   159.72 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Hockey PUK Version), 2100 A

SD1700C24K Datasheet (HTML) - Vishay Siliconix


SD1700C24K Product details

FEATURES
• Wide current range
• High voltage ratings up to 4500 V
• High surge current capabilities
• Diffused junction
• Hockey PUK version
• Case style DO-200AC (K-PUK)
• Lead (Pb)-free

TYPICAL APPLICATIONS
• Converters
• Power supplies
• Machine tool controls
• High power drives
• Medium traction applications




Similar Part No. - SD1700C24K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD1700C24K VISHAY-SD1700C24K Datasheet
173Kb / 8P
Standard Recovery Diodes (Hockey PUK Version), 2100 A
14-May-08
SD1700C24K VISHAY-SD1700C24K_12 Datasheet
173Kb / 8P
Standard Recovery Diodes (Hockey PUK Version), 2100 A
14-May-08
More results


Similar Description - SD1700C24K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD2000C04L VISHAY-SD2000C04L Datasheet
124Kb / 6P
Standard Recovery Diodes (Hockey PUK Version), 2100 A
14-May-08
SD1700C24K VISHAY-SD1700C24K_12 Datasheet
173Kb / 8P
Standard Recovery Diodes (Hockey PUK Version), 2100 A
14-May-08
SD2000C04L VISHAY-SD2000C04L_12 Datasheet
137Kb / 7P
Standard Recovery Diodes (Hockey PUK Version), 2100 A
14-May-08
VS-SD1700CK VISHAY-VS-SD1700CK Datasheet
222Kb / 8P
Standard Recovery Diodes (Hockey PUK), 2100 A
15-Apr-14
VS-SD2000CL VISHAY-VS-SD2000CL Datasheet
150Kb / 7P
Standard Recovery Diodes (Hockey PUK Version), 2100 A
04-Apr-14
VS-SD1700CK VISHAY-VS-SD1700CK_V01 Datasheet
205Kb / 8P
Standard Recovery Diodes, (Hockey PUK), 2100 A
11-Jan-18
VS-SD2000CL VISHAY-VS-SD2000CL_V01 Datasheet
163Kb / 7P
Standard Recovery Diodes, (Hockey PUK Version), 2100 A
11-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com