Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKJS440/030P Datasheet (PDF) - Vishay Siliconix

VSKJS440/030P Datasheet PDF - Vishay Siliconix
Part # VSKJS440/030P
Download  VSKJS440/030P Download
File Size   160.02 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 440 A

VSKJS440/030P Datasheet (PDF)

Go To PDF Page Download Datasheet
VSKJS440/030P Datasheet PDF - Vishay Siliconix

Part # VSKJS440/030P
Download  VSKJS440/030P Click to download

File Size   160.02 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 440 A

VSKJS440/030P Datasheet (HTML) - Vishay Siliconix




Similar Part No. - VSKJS440/030P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKJS440 VISHAY-VSKJS440 Datasheet
128Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
09-Mar-11
VSKJS440-030 VISHAY-VSKJS440-030 Datasheet
128Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
09-Mar-11
VSKJS440 VISHAY-VSKJS440_11 Datasheet
128Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
09-Mar-11
More results


Similar Description - VSKJS440/030P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5818 VISHAY-1N5818_08 Datasheet
79Kb / 5P
Schottky Rectifier, 1.0 A
06-Nov-08
440CNQ030PBF VISHAY-440CNQ030PBF Datasheet
118Kb / 6P
Schottky Rectifier, 440 A
29-Apr-08
VSKCS440 VISHAY-VSKCS440 Datasheet
158Kb / 6P
Schottky Rectifier, 440 A
24-Apr-08
VSKCS440 VISHAY-VSKCS440_11 Datasheet
128Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
09-Mar-11
VSKJS440 VISHAY-VSKJS440_11 Datasheet
128Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
09-Mar-11
VS-VSKCS440 VISHAY-VS-VSKCS440 Datasheet
926Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 440 A
28-Sep-15
VS-VSKJS440 VISHAY-VS-VSKJS440 Datasheet
140Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 440 A
19-Mar-14
VS-VSKJS440 VISHAY-VS-VSKJS440_V01 Datasheet
180Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 440 A
03-May-17
VS-VSKCS440 VISHAY-VS-VSKCS440_V01 Datasheet
180Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 440 A
03-May-17
VS-440CNQ030PBF VISHAY-VS-440CNQ030PBF_V01 Datasheet
147Kb / 6P
High Performance Schottky Rectifier, 440 A
11-May-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com