Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKJS440/030P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VSKJS440/030P
Description  Schottky Rectifier, 440 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKJS440/030P Datasheet(HTML) 1 Page - Vishay Siliconix

  VSKJS440/030P Datasheet HTML 1Page - Vishay Siliconix VSKJS440/030P Datasheet HTML 2Page - Vishay Siliconix VSKJS440/030P Datasheet HTML 3Page - Vishay Siliconix VSKJS440/030P Datasheet HTML 4Page - Vishay Siliconix VSKJS440/030P Datasheet HTML 5Page - Vishay Siliconix VSKJS440/030P Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94457
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 25-Apr-08
1
Schottky Rectifier, 440 A
VSKJS440/030P
Vishay High Power Products
MECHANICAL DESCRIPTION
The Generation 5 of ADD-A-PAK module combine the
excellent thermal performance obtained by the usage of
direct bonded copper substrate with superior mechanical
ruggedness, thanks to the insertion of a solid copper
baseplate at the bottom side of the device.
The Cu baseplate allow an easier mounting on the majority
of heatsink with increased tolerance of surface roughness
and improved thermal spread.
The Generation 5 of ADD-A-PAK module is manufactured
without hard mold, eliminating in this way any possible direct
stress on the leads.
The electrical terminals are secured against axial pull-out:
they are fixed to the module housing via a click-stop feature
already tested and proved as reliable on other Vishay HPP
modules.
FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• UL pending
• Totally lead (Pb)-free, RoHS compliant
• Designed and qualified for industrial level
DESCRIPTION
The VSKJS440.. Schottky rectifier common anode has been
optimized for low reverse leakage at high temperature. The
proprietary barrier technology allows for reliable operation up
to 150 °C junction temperature.
Typical applications are in high current switching power
supplies, plating power supplies, UPS systems, converters,
freewheeling diodes, welding, andreverse battery protection.
PRODUCT SUMMARY
IF(AV)
440 A
ADD-A-PAK
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
440
A
VRRM
30
V
IFSM
tp = 5 µs sine
27 000
A
VF
220 Apk, TJ = 125 °C
0.58
V
TJ
Range
- 55 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VSKJS440/030P
UNITS
Maximum DC reverse voltage
VR
30
V
Maximum working peak reverse voltage
VRWM


Similar Part No. - VSKJS440/030P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKJS440 VISHAY-VSKJS440 Datasheet
128Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
09-Mar-11
VSKJS440-030 VISHAY-VSKJS440-030 Datasheet
128Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
09-Mar-11
VSKJS440 VISHAY-VSKJS440_11 Datasheet
128Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
09-Mar-11
More results

Similar Description - VSKJS440/030P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5818 VISHAY-1N5818_08 Datasheet
79Kb / 5P
Schottky Rectifier, 1.0 A
06-Nov-08
440CNQ030PBF VISHAY-440CNQ030PBF Datasheet
118Kb / 6P
Schottky Rectifier, 440 A
29-Apr-08
VSKCS440 VISHAY-VSKCS440 Datasheet
158Kb / 6P
Schottky Rectifier, 440 A
24-Apr-08
VSKCS440 VISHAY-VSKCS440_11 Datasheet
128Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
09-Mar-11
VSKJS440 VISHAY-VSKJS440_11 Datasheet
128Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
09-Mar-11
VS-VSKCS440 VISHAY-VS-VSKCS440 Datasheet
926Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 440 A
28-Sep-15
VS-VSKJS440 VISHAY-VS-VSKJS440 Datasheet
140Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 440 A
19-Mar-14
VS-VSKJS440 VISHAY-VS-VSKJS440_V01 Datasheet
180Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 440 A
03-May-17
VS-VSKCS440 VISHAY-VS-VSKCS440_V01 Datasheet
180Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 440 A
03-May-17
VS-440CNQ030PBF VISHAY-VS-440CNQ030PBF_V01 Datasheet
147Kb / 6P
High Performance Schottky Rectifier, 440 A
11-May-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com