Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB1645 Datasheet (PDF) - Vishay Siliconix

MBRB1645 Datasheet PDF - Vishay Siliconix
Part # MBRB1645
Download  MBRB1645 Download
File Size   487.11 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Barrier Rectifier

MBRB1645 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRB1645 Datasheet PDF - Vishay Siliconix

Part # MBRB1645
Download  MBRB1645 Click to download

File Size   487.11 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Barrier Rectifier

MBRB1645 Datasheet (HTML) - Vishay Siliconix


MBRB1645 Product details

DESCRIPTION
The MBR16.. Schottky rectifier has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150 °C junction temperature. Typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection.

FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy encapsulation for
   enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
   reliability
• Designed and qualified for industrial level




Similar Part No. - MBRB1645

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB1645 GE-MBRB1645 Datasheet
97Kb / 2P
SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
MBRB1645 GOOD-ARK-MBRB1645 Datasheet
246Kb / 3P
Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRB1645 VISHAY-MBRB1645 Datasheet
105Kb / 6P
Schottky Rectifier, 16 A
22-Aug-08
logo
Sensitron
MBRB1645 SENSITRON-MBRB1645 Datasheet
174Kb / 4P
SCHOTTKY RECTIFIER
logo
ON Semiconductor
MBRB1645 ONSEMI-MBRB1645 Datasheet
107Kb / 5P
SWITCHMODE Power Rectifiers16 A, 35 and 45 V
June, 2008 ??Rev. 11
More results


Similar Description - MBRB1645

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com