Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC2896 Datasheet (PDF) - Transcom, Inc.

TC2896 Datasheet PDF - Transcom, Inc.
Part # TC2896
Download  TC2896 Download
File Size   103.77 Kbytes
Page   4 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 5 W Flange Ceramic Packaged GaAs Power FETs

TC2896 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC2896 Datasheet PDF - Transcom, Inc.

Part # TC2896
Download  TC2896 Click to download

File Size   103.77 Kbytes
Page   4 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 5 W Flange Ceramic Packaged GaAs Power FETs

TC2896 Datasheet (HTML) - Transcom, Inc.


TC2896 Product details

DESCRIPTION

The TC2896 is packaged with the TC1806 Pseudomorphic High Electron Mobility Transistor (PHEMT) chip. The flange ceramic package provides the best thermal conductivity for the GaAs FET. All devices are 100% DC and RF tested to assure consistent quality. Typical applications include high dynamic range power amplifiers for commercial and military high performance power applications.



FEATURES

• 5 W Typical Power at 6 GHz

• 8 dB Typical Linear Power Gain at 6 GHz

• High Linearity: IP3 = 47 dBm Typical at 6 Ghz

• High Power Added Efficiency: Nominal PAE of 40 % at 6 GHz

• Suitable for High Reliability Application

• Lg = 0.6 µm, Wg = 12 mm

• Tight Vp ranges control

• High RF input power handling capability

• 100 % DC and RF Tested

• Flange Ceramic Package




Similar Part No. - TC2896

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC2801 FUMAN-TC2801 Datasheet
775Kb / 11P
LED driver
logo
France Joint
TC280X310X15 FRANCEJOINT-TC280X310X15 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
TC280X320X20 FRANCEJOINT-TC280X320X20 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
logo
Texas Instruments
TC281 TI-TC281 Datasheet
238Kb / 18P
1036- 횞 1010-pixel ccd image sensor
TC281 TI1-TC281 Datasheet
268Kb / 18P
PIXEL CCD IMAGE SENSOR
More results


Similar Description - TC2896

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC2696 ETC-TC2696 Datasheet
39Kb / 2P
2 W Flange Ceramic Packaged PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC2696 TRANSCOM-TC2696 Datasheet
54Kb / 2P
2 W Flange Ceramic Packaged PHEMT GaAs Power FETs
TC2997D TRANSCOM-TC2997D Datasheet
101Kb / 3P
2.45 GHz 20 W Flange Ceramic Packaged GaAs Power FETs
TC2491 TRANSCOM-TC2491 Datasheet
104Kb / 3P
0.5 W Flange Ceramic Packaged PHEMT GaAs Power FETs
TC2591 TRANSCOM-TC2591 Datasheet
74Kb / 3P
1 W Flange Ceramic Packaged PHEMT GaAs Power FETs
TC2996A TRANSCOM-TC2996A Datasheet
73Kb / 3P
1.6 GHz 12 W Flange Ceramic Packaged GaAs Power FETs
TC2996B TRANSCOM-TC2996B Datasheet
77Kb / 3P
1.9 GHz 12 W Flange Ceramic Packaged GaAs Power FETs
TC2997A TRANSCOM-TC2997A Datasheet
50Kb / 2P
1.6 GHz 20 W Flange Ceramic Packaged GaAs Power FETs
TC2997B TRANSCOM-TC2997B Datasheet
76Kb / 3P
1.9 GHz 20 W Flange Ceramic Packaged GaAs Power FETs
TC2997C TRANSCOM-TC2997C Datasheet
70Kb / 3P
2.1 GHz 20 W Flange Ceramic Packaged GaAs Power FETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com