Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM39S Datasheet (PDF) - EUROQUARTZ limited

EM39S Datasheet PDF - EUROQUARTZ limited
Part # EM39S
Download  EM39S Download
File Size   105.39 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description Clipped Sinewave 14 pin DIL compatible

EM39S Datasheet (PDF)

Go To PDF Page Download Datasheet
EM39S Datasheet PDF - EUROQUARTZ limited

Part # EM39S
Download  EM39S Click to download

File Size   105.39 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description Clipped Sinewave 14 pin DIL compatible

EM39S Datasheet (HTML) - EUROQUARTZ limited


EM39S Product details

DESCRIPTION
EM39S series TCXOs packages are compatible with the industry standard 14 pin Dual-in-Line package. With Clipped Sinewave output, tolerances are available from ±1.0ppm over 0° to 50°C to ±1ppm over -30° to +70°C. Supply voltage 2.8 to 5.0 Volts.

 • 14 pin DIL package compatible
 • Frequency range: 9.6MHz to 27.0MHz
 • Supply voltage 2.8 to 5.0 Volts
 • Customized specifications available




Similar Part No. - EM39S

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM3923 EATON-EM3923 Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
EM392302 EATON-EM392302 Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
EM392303 EATON-EM392303 Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
EM392304 EATON-EM392304 Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
EM392305 EATON-EM392305 Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
More results


Similar Description - EM39S

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EM8GS EUROQUARTZ-EM8GS Datasheet
101Kb / 1P
Clipped Sinewave 8 pin DIL
EM8S EUROQUARTZ-EM8S Datasheet
101Kb / 1P
Clipped Sinewave 8 pin DIL
EM9GS EUROQUARTZ-EM9GS Datasheet
111Kb / 1P
Clipped Sinewave 8 pin DIL
EM9S EUROQUARTZ-EM9S Datasheet
105Kb / 1P
Clipped Sinewave 8 pin DIL
EM14S EUROQUARTZ-EM14S Datasheet
106Kb / 1P
Clipped Sinewave 14 pin DIL
EM15GS EUROQUARTZ-EM15GS Datasheet
112Kb / 1P
Clipped Sinewave 14 pin DIL
EM15S EUROQUARTZ-EM15S Datasheet
107Kb / 1P
Clipped Sinewave 14 pin DIL
EM38GS EUROQUARTZ-EM38GS Datasheet
111Kb / 1P
Clipped Sinewave 14 pin DIL compatible
EM38S EUROQUARTZ-EM38S Datasheet
106Kb / 1P
Clipped Sinewave 14 pin DIL compatible
EM39GS EUROQUARTZ-EM39GS Datasheet
110Kb / 1P
Clipped Sinewave 14 pin DIL compatible
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com