Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7352BRUZ Datasheet (PDF) - Analog Devices

AD7352BRUZ Datasheet PDF - Analog Devices
Part # AD7352BRUZ
Download  AD7352BRUZ Download
File Size   518.45 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC

AD7352BRUZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7352BRUZ Datasheet PDF - Analog Devices

Part # AD7352BRUZ
Download  AD7352BRUZ Click to download

File Size   518.45 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC

AD7352BRUZ Datasheet (HTML) - Analog Devices


AD7352BRUZ Product details

GENERAL DESCRIPTION

The AD73571 is a dual, 14-bit, high speed, low power, successive approximation analog-to-digital converter (ADC) that operates from a single 2.5 V power supply and features throughput rates up

to 4.2 MSPS. The part contains two ADCs, each preceded by a low noise, wide bandwidth track-and-hold circuit that can handle input frequencies in excess of 110 MHz.



FEATURES

Dual 14-bit SAR ADC

Simultaneous sampling

Throughput rate: 4.2 MSPS per channel

Specified for VDDof 2.5 V

Power dissipation: 35 mW at 4.2 MSPS

On-chip reference: 2.048 V ± 0.25%, 6 ppm/°C

Dual conversion with read

High speed serial interface SPI-/QSPI-/MICROWIRE-/DSP-compatible

−40°C to +125°C operation

Shutdown mode: 10 µA maximum

16-lead TSSOP package




Similar Part No. - AD7352BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7352BRUZ AD-AD7352BRUZ Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7352BRUZ AD-AD7352BRUZ Datasheet
515Kb / 21P
Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
23-Feb-2017
AD7352BRUZ-500RL7 AD-AD7352BRUZ-500RL7 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7352BRUZ-500RL7 AD-AD7352BRUZ-500RL7 Datasheet
515Kb / 21P
Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
23-Feb-2017
AD7352BRUZ-RL AD-AD7352BRUZ-RL Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
More results


Similar Description - AD7352BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
23-Feb-2017
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
23-Feb-2017
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
1/2022-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com