Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9717-EBZ Datasheet (PDF) - Analog Devices

AD9717-EBZ Datasheet PDF - Analog Devices
Part # AD9717-EBZ
Download  AD9717-EBZ Download
File Size   1852.14 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters

AD9717-EBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9717-EBZ Datasheet PDF - Analog Devices

Part # AD9717-EBZ
Download  AD9717-EBZ Click to download

File Size   1852.14 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters

AD9717-EBZ Datasheet (HTML) - Analog Devices


AD9717-EBZ Product details

GENERAL DESCRIPTION

The AD9714/AD9715/AD9716/AD9717 are pin-compatible dual, 8-/10-/12-/14-bit, low power digital-to-analog converters (DACs) that provide a sample rate of 125 MSPS. These TxDAC® converters are optimized for the transmit signal path of communication systems. All the devices share the same interface, LFCSP package, and pinout, providing an upward or downward component selection path based on performance, resolution, and cost. The AD9714/AD9715/AD9716/AD9717 offer exceptional ac and dc performance and support update rates up to 125 MSPS. The flexible power supply operating range of 1.8 V to 3.3 V and low power dissipation of the AD9714/AD9715/AD9716/AD9717 make them well-suited for portable and low power applications.



FEATURES

  Power dissipation @ 3.3 V, 2 mA output

     37 mW @ 10 MSPS

     80 mW @ 125 MSPS

  Sleep mode: <3 mW @ 3.3 V

  Supply voltage: 1.8 V to 3.3 V

  SFDR to Nyquist

     84 dBc @ 1 MHz output

     75 dBc @ 10 MHz output

  AD9717 NSD @ 1 MHz output, 125 MSPS, 2 mA: −151 dBc/Hz

  Differential current outputs: 1 mA to 4 mA

  Two on-chip auxiliary DACs

  CMOS inputs with single-port operation

  Output common mode: adjustable 0 V to 1.2 V

  Small footprint 40-lead LFCSP Pb-free package



APPLICATIONS

  Wireless infrastructures

     Picocell, femtocell base stations

  Medical instrumentation

     Ultrasound transducer excitation

  Portable instrumentation

     Signal generators, arbitrary waveform generators



 




Similar Part No. - AD9717-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9717-DPG2-EBZ AD-AD9717-DPG2-EBZ Datasheet
2Mb / 80P
Digital-to-Analog Converters
1/2018-Rev. A to Rev. B
More results


Similar Description - AD9717-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9741 AD-AD9741 Datasheet
638Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
AD9114 AD-AD9114 Datasheet
2Mb / 48P
Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
logo
Murata Power Solutions ...
DAC-HF8BMC MURATA-PS-DAC-HF8BMC Datasheet
123Kb / 4P
Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
logo
DATEL, Inc.
DAC-HF DATEL-DAC-HF Datasheet
200Kb / 5P
Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com