Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4062-2BRZ Datasheet (PDF) - Analog Devices

ADA4062-2BRZ Datasheet PDF - Analog Devices
Part # ADA4062-2BRZ
Download  ADA4062-2BRZ Download
File Size   489.76 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Tiny, Low Power JFET-Input Op Amp

ADA4062-2BRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4062-2BRZ Datasheet PDF - Analog Devices

Part # ADA4062-2BRZ
Download  ADA4062-2BRZ Click to download

File Size   489.76 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Tiny, Low Power JFET-Input Op Amp

ADA4062-2BRZ Datasheet (HTML) - Analog Devices


ADA4062-2BRZ Product details

GENERAL DESCRIPTION
The ADA4062-2 and ADA4062-4 are dual and quad JFET-input amplifiers with industry-leading performance. They offer lower power, offset voltage, drift, and ultralow bias current. The ADA4062-2 B grade (SOIC package) features a typical low offset voltage of 0.5 mV, an offset drift of 5 μV/°C, and a bias current of 2 pA.
The ADA4062 family is ideal for various applications, including process controls, industrial and instrumentation equipment, active filtering, data conversion, buffering, and power control and monitoring. With a low supply current of 165 μA per amplifier, they are well suited for lower power applications.

FEATURES
   Low input bias current: 50 pA maximum
   Offset voltage
      1.5 mV maximum for B grade (ADA4062-2 SOIC package)
      2.5 mV maximum for A grade
   Offset voltage drift: 5 μV/°C typical
   Slew rate: 3.3 V/μs typical
   CMRR: 90 dB typical
   Low supply current: 165 μA typical
   High input impedance
   Unity-gain stable
   ±5 V to ±15 V dual-supply operation
   Packaging
      8-lead SOIC, 8-lead MSOP, 10-lead LFCSP, 14-lead TSSOP, and
         16-lead LFCSP packages

APPLICATIONS
   Power controls and monitoring
   Active filters
   Industrial/process controls
   Body probe electronics
   Data acquisition
   Integrators
   Input buffering




Similar Part No. - ADA4062-2BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4062-2BRZ AD-ADA4062-2BRZ Datasheet
502Kb / 20P
Low Power JFET-Input Op Amps
Rev. B
ADA4062-2BRZ-R7 AD-ADA4062-2BRZ-R7 Datasheet
502Kb / 20P
Low Power JFET-Input Op Amps
Rev. B
ADA4062-2BRZ-RL AD-ADA4062-2BRZ-RL Datasheet
502Kb / 20P
Low Power JFET-Input Op Amps
Rev. B
More results


Similar Description - ADA4062-2BRZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1057S LINER-LT1057S Datasheet
175Kb / 3P
Dual JFET Input Precision High Speed Op Amp?
LT1169 LINER-LT1169 Datasheet
333Kb / 12P
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
Dual, Precision JFET Input Op Amp
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
Low Noise, Precision, JFET Input Op Amp
LT1793 LINER-LT1793 Datasheet
162Kb / 12P
Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
Low Noise, Precision, JFET Input Op Amp
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
Dual, Precision JFET Input Op Amp
LT1169 LINER-LT1169_15 Datasheet
300Kb / 12P
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1113 LINER-LT1113_15 Datasheet
224Kb / 16P
Dual Low Noise, Precision, JFET Input Op Amp
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com