Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL345BCCZ1 Datasheet (PDF) - Analog Devices

ADXL345BCCZ1 Datasheet PDF - Analog Devices
Part # ADXL345BCCZ1
Download  ADXL345BCCZ1 Download
File Size   311.22 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Three-Axis, 짹2/4/8/16g Digital Accelerometer

ADXL345BCCZ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL345BCCZ1 Datasheet PDF - Analog Devices

Part # ADXL345BCCZ1
Download  ADXL345BCCZ1 Click to download

File Size   311.22 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Three-Axis, 짹2/4/8/16g Digital Accelerometer

ADXL345BCCZ1 Datasheet (HTML) - Analog Devices


ADXL345BCCZ1 Product details

GENERAL DESCRIPTION
The ADXL345 is a small, thin, ultralow power, 3-axis accelerometer with high resolution (13-bit) measurement at up to ±16 g. Digital output data is formatted as 16-bit twos complement and is accessible through either a SPI (3- or 4-wire) or I2C digital interface.
The ADXL345 is well suited for mobile device applications. It measures the static acceleration of gravity in tilt-sensing applications, as well as dynamic acceleration resulting from motion or shock. Its high resolution (3.9 mg/LSB) enables measurement of inclination changes less than 1.0°.

FEATURES
   Ultralow power: as low as 23 µA in measurement mode and
      0.1 µA in standby mode at VS = 2.5 V (typical)
   Power consumption scales automatically with bandwidth
   User-selectable resolution
      Fixed 10-bit resolution
      Full resolution, where resolution increases with g range,
         up to 13-bit resolution at ±16 g (maintaining 4 mg/LSB
         scale factor in all g ranges)
   Embedded memory management system with FIFO
      technology minimizes host processor load
   Single tap/double tap detection
   Activity/inactivity monitoring
   Free-fall detection
   Supply voltage range: 2.0 V to 3.6 V
   I/O voltage range: 1.7 V to VS
   SPI (3- and 4-wire) and I2C digital interfaces
   Flexible interrupt modes mappable to either interrupt pin
   Measurement ranges selectable via serial command
   Bandwidth selectable via serial command
   Wide temperature range (−40°C to +85°C)
   10,000 g shock survival
   Pb free/RoHS compliant
   Small and thin: 3 mm × 5 mm × 1 mm LGA package

APPLICATIONS
   Handsets
   Medical instrumentation
   Gaming and pointing devices
   Industrial instrumentation
   Personal navigation devices
   Hard disk drive (HDD) protection




Similar Part No. - ADXL345BCCZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL345BCCZ AD-ADXL345BCCZ Datasheet
656Kb / 40P
Digital Accelerometer
REV. D
ADXL345BCCZ-RL AD-ADXL345BCCZ-RL Datasheet
656Kb / 40P
Digital Accelerometer
REV. D
ADXL345BCCZ-RL7 AD-ADXL345BCCZ-RL7 Datasheet
656Kb / 40P
Digital Accelerometer
REV. D
More results


Similar Description - ADXL345BCCZ1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
logo
Freescale Semiconductor...
MMA7330L FREESCALE-MMA7330L Datasheet
234Kb / 10P
짹4g - 16g Three Axis Low-g Micromachined Accelerometer
logo
List of Unclassifed Man...
SMB365 ETC2-SMB365 Datasheet
451Kb / 21P
Three-axis accelerometer
logo
Freescale Semiconductor...
MMA7455L FREESCALE-MMA7455L Datasheet
536Kb / 27P
Three Axis Low-g Digital Output Accelerometer
MMA7330L_0708 FREESCALE-MMA7330L_0708 Datasheet
149Kb / 10P
짹4g - 16g Three Axis Low-g Micromachined Accelerometer
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
logo
Freescale Semiconductor...
D3172MMA7361LC FREESCALE-D3172MMA7361LC Datasheet
463Kb / 35P
Three Axis Low-g Digital Output Accelerometer
logo
List of Unclassifed Man...
KX224-1053 ETC-KX224-1053 Datasheet
2Mb / 84P
짹 8g / 16g / 32g Tri-axis Digital Accelerometer Specifications
Rev. 2.0 22-Dec-2017
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
KX132-1211 ETC-KX132-1211 Datasheet
1Mb / 33P
± 2g / 4g / 8g / 16g Tri-axis Digital Accelerometer Specifications
Rev. 1.0 31-Jul-2019
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com