Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4928A Datasheet (PDF) - Maxim Integrated Products

MAX4928A Datasheet PDF - Maxim Integrated Products
Part # MAX4928A
Download  MAX4928A Download
File Size   148.62 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description DisplayPort/PCIe Passive Switches

MAX4928A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4928A Datasheet PDF - Maxim Integrated Products

Part # MAX4928A
Download  MAX4928A Click to download

File Size   148.62 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description DisplayPort/PCIe Passive Switches

MAX4928A Datasheet (HTML) - Maxim Integrated Products


MAX4928A Product details

General Description
The MAX4928A/MAX4928B high-speed passive switches route PCI Express® (PCIe) data and/or DisplayPort™ signals between two possible destinations in desktop or laptop PCs. The MAX4928A is intended to be used with the ATX form factor desktop PCs, while the MAX4928B is expected to be used in the BTX form factor.

Features
♦ Single +3.3V Power Supply Voltage
♦ Supports PCIe Gen I, Gen II, and DisplayPort
   Data Rates > 5Gbps
♦ Excellent Return Loss > 12dB at 2.5GHz
♦ Six Bidirectional Pairs of Switches
   All Switching in One Device
♦ Low 850µA (max) Supply Current
♦ Small 5mm x 11mm, 56-Pin TQFN Package
♦ Industry-Standard Pinouts

Applications
   Desktop PCs
   Notebook PCs




Similar Part No. - MAX4928A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4920B MAXIM-MAX4920B Datasheet
317Kb / 19P
Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
MAX4920BETD+T MAXIM-MAX4920BETD+T Datasheet
317Kb / 19P
Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
MAX4921B MAXIM-MAX4921B Datasheet
317Kb / 19P
Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
MAX4921BETD+T MAXIM-MAX4921BETD+T Datasheet
317Kb / 19P
Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
More results


Similar Description - MAX4928A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4888 MAXIM-MAX4888 Datasheet
267Kb / 16P
2.5Gbps PCI Express Passive Switches
Rev 0; 5/07
MAX4888A MAXIM-MAX4888A Datasheet
192Kb / 14P
5.0Gbps PCI Express Passive Switches
Rev 1; 1/09
MAX4998 MAXIM-MAX4998 Datasheet
1Mb / 10P
Two-Lane and Four-Lane DisplayPort Passive Switches with Separate AUX/HPD Control
Rev 0; 10/09
logo
NXP Semiconductors
CBTL06122 NXP-CBTL06122 Datasheet
112Kb / 19P
High-performance DisplayPort/PCIe Gen2 hex display multiplexer
Rev. 02 ??16 April 2009
logo
Molex Electronics Ltd.
0687850004 MOLEX8-0687850004 Datasheet
189Kb / 3P
Mini DisplayPort*(Plug)-to-Mini DisplayPort
0687830017 MOLEX8-0687830017 Datasheet
208Kb / 3P
DisplayPort*-to-DisplayPort* Cable Assembly
logo
ON Semiconductor
NCN3612B ONSEMI-NCN3612B Datasheet
631Kb / 11P
6-Channel Differential 1:2 Switch for PCIe 3.0 and DisplayPort 1.2
September, 2011 ??Rev. 0
logo
IOGEAR
G2LDPDP02 IOGEAR-G2LDPDP02 Datasheet
141Kb / 2P
DisplayPort to DisplayPort Cable - 6ft
G2LMDPDP02 IOGEAR-G2LMDPDP02 Datasheet
142Kb / 2P
Mini DisplayPort to DisplayPort Cable - 6ft
logo
Kinetic Technologies.
STDP2690 KINETIC-STDP2690 Datasheet
392Kb / 4P
Advanced DisplayPort to DisplayPort Converter
January 2022 - Revision 03c
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com