Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9860 Datasheet (PDF) - Maxim Integrated Products

MAX9860 Datasheet PDF - Maxim Integrated Products
Part # MAX9860
Download  MAX9860 Download
File Size   920.18 Kbytes
Page   39 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 16-Bit Mono Audio Voice Codec

MAX9860 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9860 Datasheet PDF - Maxim Integrated Products

Part # MAX9860
Download  MAX9860 Click to download

File Size   920.18 Kbytes
Page   39 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 16-Bit Mono Audio Voice Codec

MAX9860 Datasheet (HTML) - Maxim Integrated Products


MAX9860 Product details

General Description

The MAX9860 is a low-power, voiceband, mono audio codec designed to provide a complete audio solution for wireless voice headsets and other mono voice audio devices. Using an on-chip bridge-tied load mono head phone amplifier, the MAX9860 can output 30mW into a 32Ωearpiece while operating from a single 1.8V power supply. Very low power consumption makes it an ideal choice for battery-powered applications.



Features

♦1.8V Single-Supply Operation

♦Digital Highpass Elliptical Filters with Notch for 217Hz (GSM)

♦Mono 30mW BTL Headphone Amplifier

♦Dual Low-Noise Microphone Inputs

♦Automatic Microphone Gain Control and Noise Gate

♦90dB DAC DR (fS= 48kHz)

♦81dB ADC DR (fS= 48kHz)

♦Supports Master Clock Frequencies from 10MHz to 60MHz

♦Supports Sample Rates from 8kHz to 48kHz

♦Flexible Digital Audio Interface

♦Clickless/Popless Operation

♦2-Wire, I2C-Compatible Control Interface

♦Available in 24-Pin, Thin QFN, 4mm x 4mm x 0.8mm Package



Applications

Audio Headsets

Portable Navigation Device

Mobile Phones

Smart Phones

VoIP Phones

Audio Accessories




Similar Part No. - MAX9860

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860 Datasheet
931Kb / 40P
16-Bit Mono Audio Voice Codec
Rev 1; 9/09
MAX9860 MAXIM-MAX9860 Datasheet
4Mb / 21P
Evaluation Kit
Rev 0; 12/09
MAX9860 MAXIM-MAX9860 Datasheet
4Mb / 21P
On-Board Fiber Optic Transmitter and Receiver Modules
Rev 0; 12/09
MAX9860ETG+ MAXIM-MAX9860ETG+ Datasheet
931Kb / 40P
16-Bit Mono Audio Voice Codec
Rev 1; 9/09
MAX9860EVKIT MAXIM-MAX9860EVKIT Datasheet
4Mb / 21P
On-Board Fiber Optic Transmitter and Receiver Modules
Rev 0; 12/09
More results


Similar Description - MAX9860

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Cirrus Logic
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
16-Bit Multimedia Audio Codec
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
16-Bit Stereo Audio Codec
CS4218 CIRRUS-CS4218 Datasheet
586Kb / 44P
16-Bit Stereo Audio Codec
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860_09 Datasheet
931Kb / 40P
16-Bit Mono Audio Voice Codec
Rev 1; 9/09
MAX9860 MAXIM-MAX9860_12 Datasheet
822Kb / 38P
16-Bit Mono Audio Voice Codec
Rev 2; 2/12
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
Low Power Mono Audio CODEC
logo
Nuvoton Technology Corp...
NAU8811 NUVOTON-NAU8811 Datasheet
2Mb / 87P
Mono Audio Codec with SPI
logo
Suzhou Everest Semicond...
ES8312 EVEREST-ES8312 Datasheet
570Kb / 12P
Low Power Mono Audio CODEC
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com