Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17000A Datasheet (PDF) - Maxim Integrated Products

MAX17000A Datasheet PDF - Maxim Integrated Products
Part # MAX17000A
Download  MAX17000A Download
File Size   750.73 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Complete DDR2 and DDR3 Memory Power-Management Solution

MAX17000A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17000A Datasheet PDF - Maxim Integrated Products

Part # MAX17000A
Download  MAX17000A Click to download

File Size   750.73 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Complete DDR2 and DDR3 Memory Power-Management Solution

MAX17000A Datasheet (HTML) - Maxim Integrated Products


MAX17000A Product details

General Description
The MAX17000A pulse-width modulation (PWM) controller provides a complete power solution for notebook DDR, DDR2, and DDR3 memory. It comprises a stepdown controller, a source-sink LDO regulator, and a reference buffer to generate the required VDDQ, VTT, and VTTR rails.

Features
♦ SMPS Regulator (VDDQ)
    Quick-PWM with 100ns Load-Step Response
    Output Voltages—Preset 1.8V, 1.5V, or Adjustable 1.0V to 2.5V
    1% VOUT Accuracy Over Line and Load
    26V Maximum Input Voltage Rating
    Accurate Valley Current-Limit Protection
    200kHz to 600kHz Switching Frequency
♦ Source/Sink Linear Regulator (VTT)
    ±2A Peak Source/Sink
    Low-Output Capacitance Requirement
    Output Voltages-Preset VDDQ/2 or REFIN Adjustable from 0.5V to 1.5V
♦ Soft-Start/Soft-Shutdown
♦ SMPS Power-Good Window Comparator
♦ VTT Power-Good Window Comparator
♦ Selectable Overvoltage Protection
♦ Undervoltage/Thermal Protections
♦ ±3mA Reference Buffer (VTTR)

Applications
    Notebook Computers
    DDR, DDR2, and DDR3 Memory Supplies
    SSTL Memory Supplies




Similar Part No. - MAX17000A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A Datasheet
691Kb / 32P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
MAX17000A MAXIM-MAX17000A Datasheet
804Kb / 32P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
MAX17000AETG+ MAXIM-MAX17000AETG+ Datasheet
691Kb / 32P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
MAX17000AETG+ MAXIM-MAX17000AETG+ Datasheet
804Kb / 32P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
MAX17000A MAXIM-MAX17000A_08 Datasheet
691Kb / 32P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
More results


Similar Description - MAX17000A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A_08 Datasheet
691Kb / 32P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
MAX17000 MAXIM-MAX17000_11 Datasheet
757Kb / 32P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
MAX17000A MAXIM-MAX17000A_10 Datasheet
804Kb / 32P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
logo
Texas Instruments
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
logo
Maxim Integrated Produc...
MAX17000 MAXIM-MAX17000_13 Datasheet
802Kb / 32P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 4/13
MAX17000A MAXIM-MAX17000A_13 Datasheet
755Kb / 32P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 3; 4/13
logo
Texas Instruments
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
logo
uPI Group Inc.
UP1565 UPI-UP1565 Datasheet
241Kb / 15P
Complete DDR3/ DDR4 Memory Power Solution Controller
UP1566 UPI-UP1566 Datasheet
208Kb / 14P
Complete DDR3/ DDR4 Memory Power Solution Controller
UP1740S UPI-UP1740S Datasheet
245Kb / 14P
Complete DDR3/ DDR4 Memory Power Solution Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com