| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX9993
|
492Kb / 12P |
High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch
Rev 0; 10/02 |
|
MAX9995
|
363Kb / 13P |
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04 |
|
MAX9994
|
548Kb / 12P |
SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04 |
|
MAX9996
|
410Kb / 12P |
SiGe High-Linearity, 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/04 |
|
MAX2039
|
363Kb / 16P |
High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04 |
|
MAX2041
|
395Kb / 16P |
High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06 |
|
MAX19995A
|
410Kb / 23P |
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09 |
|
MAX19993
|
4Mb / 23P |
Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10 |
|
MAX9995
|
387Kb / 13P |
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11 |
|
MAX9995
|
389Kb / 13P |
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 2; 12/12 |