Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XO53 Datasheet (PDF) - EUROQUARTZ limited

XO53 Datasheet PDF - EUROQUARTZ limited
Part # XO53
Download  XO53 Download
File Size   243.72 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description 5 x 3.2mm Low Power Consumption Clock Oscillator

XO53 Datasheet (PDF)

Go To PDF Page Download Datasheet
XO53 Datasheet PDF - EUROQUARTZ limited

Part # XO53
Download  XO53 Click to download

File Size   243.72 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description 5 x 3.2mm Low Power Consumption Clock Oscillator

XO53 Datasheet (HTML) - EUROQUARTZ limited




Similar Part No. - XO53

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XO53CREH60100M VISHAY-XO53CREH60100M Datasheet
96Kb / 3P
Half Size Clock Oscillators Enable/Disable
01-Jun-06
XO53CREH6012M288 VISHAY-XO53CREH6012M288 Datasheet
96Kb / 3P
Half Size Clock Oscillators Enable/Disable
01-Jun-06
XO53CREH6040 VISHAY-XO53CREH6040 Datasheet
96Kb / 3P
Half Size Clock Oscillators Enable/Disable
01-Jun-06
XO53CREH604M VISHAY-XO53CREH604M Datasheet
96Kb / 3P
Half Size Clock Oscillators Enable/Disable
01-Jun-06
XO53CREH604M VISHAY-XO53CREH604M Datasheet
90Kb / 3P
Half Size Clock Oscillators Enable/Disable
05-Mar-07
More results


Similar Description - XO53

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC52 FOX-FXO-HC52 Datasheet
341Kb / 15P
HCMOS 5 x 3.2mm 2.5V Oscillator
FXO-HC53 FOX-FXO-HC53 Datasheet
364Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
LVDS 5 x 3.2mm 2.5V Oscillator
FXO-PC53 FOX-FXO-PC53 Datasheet
329Kb / 15P
LVPECL 5 x 3.2mm 3.3V Oscillator
logo
EUROQUARTZ limited
HSR53 EUROQUARTZ-HSR53 Datasheet
110Kb / 1P
5 x 3.2mm SMD Sine Wave Clock Oscillator
XOK53 EUROQUARTZ-XOK53 Datasheet
238Kb / 1P
5 x 3.2mm SMD Low Power Consumption Clock Oscillator
XOK91 EUROQUARTZ-XOK91 Datasheet
243Kb / 1P
7 x 5mm Low Power Consumption Clock Oscillator
logo
Fox Electronics
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
LVPECL 5 x 3.2mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC536R-125 ETC2-FXO-HC536R-125 Datasheet
369Kb / 15P
HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FX5LSBBF120 FOX-FX5LSBBF120 Datasheet
921Kb / 15P
LVDS 5 x 3.2mm 3.3V Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com