Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3V1T66 Datasheet (PDF) - NXP Semiconductors

NX3V1T66 Datasheet PDF - NXP Semiconductors
Part # NX3V1T66
Download  NX3V1T66 Download
File Size   125.29 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-voltage analog switch

NX3V1T66 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX3V1T66 Datasheet PDF - NXP Semiconductors

Part # NX3V1T66
Download  NX3V1T66 Click to download

File Size   125.29 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-voltage analog switch

NX3V1T66 Datasheet (HTML) - NXP Semiconductors


NX3V1T66 Product details

General description
The NX3V1T66 provides one single-pole single-throw analog switch function. It has two input/output terminals (Y and Z) and an active HIGH enable input pin (E). When pin E is LOW, the analog switch is turned off.
Schmitt trigger action at the enable input (E) makes the circuit tolerant to slower input rise and fall times across the entire VCC range from 1.4 V to 4.3 V.
A low input voltage threshold allows pin E to be driven by lower level logic signals without a significant increase in supply current ICC. This makes it possible for the NX3V1T66 to switch 4.3 V signals with a 1.8 V digital controller, eliminating the need for logic level translation.
The NX3V1T66 allows signals with amplitude up to VCC to be transmitted from Y to Z or from Z to Y. Its ultra-low ON resistance (0.3 Ω) and flatness (0.1 Ω) ensures minimal attenuation and distortion of transmitted signals.

Features
■ Wide supply voltage range from 1.4 V to 4.3 V
■ Very low ON resistance (peak):
   ♦ 0.8 Ω (typical) at VCC = 1.4 V
   ♦ 0.5 Ω (typical) at VCC = 1.65 V
   ♦ 0.3 Ω (typical) at VCC = 2.3 V
   ♦ 0.25 Ω (typical) at VCC = 2.7 V
   ♦ 0.25 Ω (typical) at VCC = 4.3 V
■ High noise immunity
■ ESD protection:
   ♦ HBM JESD22-A114F Class 3A exceeds 7500 V
   ♦ MM JESD22-A115-A exceeds 200 V
   ♦ CDM AEC-Q100-011 revision B exceeds 1000 V
■ CMOS low-power consumption
■ Latch-up performance exceeds 100 mA per JESD 78B Class II Level A
■ Enable input accepts voltages above supply voltage
■ 1.8 V control logic at VCC = 3.6 V
■ High current handling capability (500 mA continuous current under 3.3 V supply)
■ Specified from −40 °C to +85 °C and from −40 °C to +125 °C

Applications
■ Cell phone
■ PDA
■ Portable media player




Similar Part No. - NX3V1T66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3V1T66 NXP-NX3V1T66 Datasheet
456Kb / 20P
Low-ohmic single-pole single-throw analog switch
Rev. 05-24 March 2010
NX3V1T66GM NXP-NX3V1T66GM Datasheet
456Kb / 20P
Low-ohmic single-pole single-throw analog switch
Rev. 05-24 March 2010
NX3V1T66GW NXP-NX3V1T66GW Datasheet
456Kb / 20P
Low-ohmic single-pole single-throw analog switch
Rev. 05-24 March 2010
NX3V1T66 NXP-NX3V1T66_10 Datasheet
456Kb / 20P
Low-ohmic single-pole single-throw analog switch
Rev. 05-24 March 2010
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
More results


Similar Description - NX3V1T66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1G66 PHILIPS-NX3L1G66 Datasheet
114Kb / 16P
Low-voltage analog switch
Rev. 01-3 January 2008
NX3V1G66 NXP-NX3V1G66 Datasheet
122Kb / 17P
Low-voltage analog switch
Rev. 02-28 July 2008
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
Low-Voltage SPDT Analog Switch
logo
Union Semiconductor, In...
UM3157 UNIONSEMI-UM3157 Datasheet
350Kb / 8P
Low-Voltage SPDT Analog Switch
UM3156 UNIONSEMI-UM3156 Datasheet
390Kb / 9P
Low-Voltage SPDT Analog Switch
logo
SG Micro Corp
SGM84782 SGMICRO-SGM84782_15 Datasheet
335Kb / 11P
Low Voltage Analog Switch/Multiplexer
logo
ON Semiconductor
FSA1156 ONSEMI-FSA1156 Datasheet
1Mb / 13P
Low-Voltage SPST Analog Switch
January 2016 Rev. 1.9
FSA3357 ONSEMI-FSA3357 Datasheet
361Kb / 13P
Low Voltage SP3T Analog Switch
Revised August 2005
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
FSA5157 ONSEMI-FSA5157 Datasheet
502Kb / 14P
Low-Voltage SPDT Analog Switch
February 2008 Rev. 1.0.3
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com