Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C516 Datasheet (PDF) - ATMEL Corporation

AT27C516 Datasheet PDF - ATMEL Corporation
Part # AT27C516_08
Download  AT27C516 Download
File Size   353.2 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 512K (32K x 16) OTP EPROM

AT27C516 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT27C516 Datasheet PDF - ATMEL Corporation

Part # AT27C516_08
Download  AT27C516 Click to download

File Size   353.2 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 512K (32K x 16) OTP EPROM

AT27C516 Datasheet (HTML) - ATMEL Corporation




Similar Part No. - AT27C516_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C516-10 ATMEL-AT27C516-10 Datasheet
241Kb / 8P
512K 32K x 16 OTP CMOS EPROM
AT27C516-10JC ATMEL-AT27C516-10JC Datasheet
241Kb / 8P
512K 32K x 16 OTP CMOS EPROM
AT27C516-10JI ATMEL-AT27C516-10JI Datasheet
241Kb / 8P
512K 32K x 16 OTP CMOS EPROM
AT27C516-10VC ATMEL-AT27C516-10VC Datasheet
241Kb / 8P
512K 32K x 16 OTP CMOS EPROM
AT27C516-10VI ATMEL-AT27C516-10VI Datasheet
241Kb / 8P
512K 32K x 16 OTP CMOS EPROM
More results


Similar Description - AT27C516_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
4-Megabit 512K x 8 OTP EPROM
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
256K 32K x 8 OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27C516 ATMEL-AT27C516 Datasheet
241Kb / 8P
512K 32K x 16 OTP CMOS EPROM
logo
Holtek Semiconductor In...
HT27C040 HOLTEK-HT27C040 Datasheet
98Kb / 9P
COMS 512K x 8-Bit OTP EPROM
April 30, 2001
logo
Maxwell Technologies
27C1512T MAXWELL-27C1512T Datasheet
148Kb / 13P
512Kb (32K x 16-bit) OTP EPROM MCM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
256K (32K x 8) OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
512K (64K x 8) OTP EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
256K (32K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
4Mb (512K x 8) OTP, EPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com