Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBM-700 Datasheet (PDF) - SIRENZA MICRODEVICES

DBM-700 Datasheet PDF - SIRENZA MICRODEVICES
Part # DBM-700
Download  DBM-700 Download
File Size   113.01 Kbytes
Page   2 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description High Level Subminiature Mismatch Insensitive Flatback double Balanced Mixer 1-3500 MHz

DBM-700 Datasheet (PDF)

Go To PDF Page Download Datasheet
DBM-700 Datasheet PDF - SIRENZA MICRODEVICES

Part # DBM-700
Download  DBM-700 Click to download

File Size   113.01 Kbytes
Page   2 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description High Level Subminiature Mismatch Insensitive Flatback double Balanced Mixer 1-3500 MHz

DBM-700 Datasheet (HTML) - SIRENZA MICRODEVICES




Similar Part No. - DBM-700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBM-700H ETC2-DBM-700H Datasheet
2Mb / 2P
High Level Subminiature Mismatch Insensitive Flatpack Double Balanced Mixer 1-3500 MHz
More results


Similar Description - DBM-700

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MDS-189 MACOM-MDS-189 Datasheet
222Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
logo
List of Unclassifed Man...
CM-2H8 ETC-CM-2H8 Datasheet
131Kb / 2P
Miniature High Level Double Balanced Mixer 10-1000 MHz
DBM-701S ETC1-DBM-701S Datasheet
113Kb / 2P
High Level SMA Connectorized Double Balanced Mixer Mismatch Insensitive 1-3500 MHz
logo
SIRENZA MICRODEVICES
CM-1H8 SIRENZA-CM-1H8 Datasheet
137Kb / 2P
Miniature High Level Double Balanced Mixer 5-500 MHz
logo
List of Unclassifed Man...
DBM-700H ETC2-DBM-700H Datasheet
2Mb / 2P
High Level Subminiature Mismatch Insensitive Flatpack Double Balanced Mixer 1-3500 MHz
logo
Tyco Electronics
MA4EXP400H-1277T MACOM-MA4EXP400H-1277T Datasheet
213Kb / 5P
Silicon Double Balanced HMICTM Mixer, 3500 - 4500 MHz
MD-M189 MACOM-MD-M189 Datasheet
155Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
logo
SYNERGY MICROWAVE CORPO...
SMD-3500 SYNERGY-SMD-3500 Datasheet
244Kb / 2P
TRIPLE BALANCED MIXER WIDE BANDWIDTH 1-3500 MHz
logo
M/A-COM Technology Solu...
MD-189 MA-COM-MD-189 Datasheet
91Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
logo
RF Micro Devices
DBM-183 RFMD-DBM-183 Datasheet
568Kb / 4P
High Level Subminiature Flatpack Double Balanced Mixer 10MHz to 4000MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com