Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21060 Datasheet (PDF) - Intersil Corporation

ISL21060 Datasheet PDF - Intersil Corporation
Part # ISL21060
Download  ISL21060 Download
File Size   2472.41 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision Reference with Disable

ISL21060 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL21060 Datasheet PDF - Intersil Corporation

Part # ISL21060
Download  ISL21060 Click to download

File Size   2472.41 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision Reference with Disable

ISL21060 Datasheet (HTML) - Intersil Corporation


ISL21060 Product details

Precision, Low Noise FGA™ Voltage References

The ISL21060 FGA™ voltage references are low power, high precision voltage references fabricated on Intersil’s proprietary Floating Gate Analog technology. A new disable feature allows the device to shut down the output and reduce supply current drain from 15µA operating to <500nA.

Features
• Reference Output Voltage . . . . . . . . . . . . 2.048V, 2.500V, 3.000V, 3.300V, 4.096V
• Initial Accuracy . . . . . . . . . . . . . . . . . . . . .±1.0mV, ±2.5mV
• Input Voltage Range
    - ISL21060-20 . . . . . . . . . . . . . . . . . . . . . . . . 2.5V to 5.5V
    - ISL21060-25 . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
    - ISL21060-30 . . . . . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V
    - ISL21060-33 . . . . . . . . . . . . . . . . . . . . . . . . 3.5V to 5.5V
    - ISL21060-41 . . . . . . . . . . . . . . . . . . . . . . . . 4.3V to 5.5V
• Output Voltage Noise . . . . . . . . . 10µVP-P (0.1Hz to 10Hz)
• Supply Current . . . . . . . . . . . . . . . . . . . . . . . . .40µA (Max)
• Tempco. . . . . . . . . . . . . . . . . . . . . . . 10ppm/°C, 25ppm/°C
• Output Current Capability. . . . . . . . . . . . . . +10.0mA/-5mA
• Operating Temperature Range. . . . . . . . .-40°C to +125°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6 Ld SOT-23
• Pb-Free (RoHS compliant)

Applications
• High Resolution A/Ds and D/As
• Digital Meters
• Bar Code Scanners
• Basestations
• Battery Management/Monitoring
• Industrial/Instrumentation Equipment




Similar Part No. - ISL21060

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
Precision, Low Noise FGA Voltage References
September 30, 2009
logo
Renesas Technology Corp
ISL21060 RENESAS-ISL21060 Datasheet
2Mb / 21P
Precision, Low Noise FGA™ Voltage References with Disable
December 19, 2013
logo
Intersil Corporation
ISL21060B(EN) INTERSIL-ISL21060B(EN) Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL21060BFH620Z-TK INTERSIL-ISL21060BFH620Z-TK Datasheet
2Mb / 20P
Precision, Low Noise FGA Voltage References
September 30, 2009
logo
Renesas Technology Corp
ISL21060BFH620Z-TK RENESAS-ISL21060BFH620Z-TK Datasheet
2Mb / 21P
Precision, Low Noise FGA™ Voltage References with Disable
December 19, 2013
More results


Similar Description - ISL21060

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
Precision Reference
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
Precision Reference?
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
Precision Reference
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
Precision Reference
logo
Linear Technology
LM199 LINER-LM199_1 Datasheet
141Kb / 8P
Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
Precision Reference
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
Precision Reference
logo
Linear Technology
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
Precision Reference
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
Precision Reference
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com