Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLVU2.8-8 Datasheet (PDF) - Semtech Corporation

SLVU2.8-8 Datasheet PDF - Semtech Corporation
Part # SLVU2.8-8
Download  SLVU2.8-8 Download
File Size   238.92 Kbytes
Page   9 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description EPD TVS Diode Array For ESD and Latch-Up Protection

SLVU2.8-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLVU2.8-8 Datasheet PDF - Semtech Corporation

Part # SLVU2.8-8
Download  SLVU2.8-8 Click to download

File Size   238.92 Kbytes
Page   9 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description EPD TVS Diode Array For ESD and Latch-Up Protection

SLVU2.8-8 Datasheet (HTML) - Semtech Corporation


SLVU2.8-8 Product details

Description
The SLV series of transient voltage suppressors are designed to protect low voltage, state-of-the-art CMOS semiconductors from transients caused by electrostatic discharge (ESD), cable discharge events (CDE), lightning and other induced voltage surges.

Features
◆ 600 Watts peak pulse power (tp = 8/20µs)
◆ Transient protection for high speed data lines to
    IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact)
    IEC 61000-4-4 (EFT) 40A (tp = 5/50ns)
    IEC 61000-4-5 (Lightning) 24A (tp = 8/20µs)
◆ Protects four line pairs (eight lines)
◆ Comprehensive pin out for easy board layout
◆ Low capacitance
◆ High peak pulse current (30A, 8/20µs)
◆ Low leakage current
◆ Low operating and clamping voltages
◆ Solid-state EPD TVS process technology

Applications
◆ 10/100 Ethernet
◆ WAN/LAN Equipment
◆ Switching Systems
◆ DSLAMs
◆ Desktops, Servers, & Notebooks
◆ Instrumentation
◆ Base Stations
◆ Analog Inputs




Similar Part No. - SLVU2.8-8

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SLVU2.8-8 PROTEC-SLVU2.8-8 Datasheet
80Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-8 PROTEC-SLVU2.8-8 Datasheet
695Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
logo
Socay Electornics Co., ...
SLVU2.8-8 SOCAY-SLVU2.8-8 Datasheet
267Kb / 4P
Transient Voltage Suppressors Array for ESD Protection
logo
Shanghai Semitech Semic...
SLVU2.8-8 SEMITECH-SLVU2.8-8 Datasheet
372Kb / 7P
Low capacitance
logo
Shanghai Leiditech Elec...
SLVU2.8-8 LEIDITECH-SLVU2.8-8 Datasheet
290Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
More results


Similar Description - SLVU2.8-8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SLVU2.8-4 SEMTECH-SLVU2.8-4 Datasheet
201Kb / 9P
EPD TVS Diode Array For ESD and Latch-Up Protection
SLVU2.8 SEMTECH-SLVU2.8 Datasheet
168Kb / 10P
Low Voltage EPD TVS Diode For ESD and Latch-Up Protection
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
SMS05C SEMTECH-SMS05C_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Samtec, Inc
SLVU2.8-4.TBT SAMTEC-SLVU2.8-4.TBT Datasheet
204Kb / 9P
EPD TVS Diode Array For ESD and Latch-Up Protection
logo
Unisonic Technologies
USMS05 UTC-USMS05 Datasheet
124Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
SDA05DT4 LEIDITECH-SDA05DT4 Datasheet
150Kb / 3P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Semtech Corporation
SLVE2.8 SEMTECH-SLVE2.8 Datasheet
194Kb / 7P
EPD TVS??Diodes For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com