Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCLAMP3301D Datasheet (PDF) - Semtech Corporation

UCLAMP3301D Datasheet PDF - Semtech Corporation
Part # UCLAMP3301D
Download  UCLAMP3301D Download
File Size   164.77 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Voltage 關ClampTM for ESD and CDE Protection

UCLAMP3301D Datasheet (PDF)

Go To PDF Page Download Datasheet
UCLAMP3301D Datasheet PDF - Semtech Corporation

Part # UCLAMP3301D
Download  UCLAMP3301D Click to download

File Size   164.77 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Voltage 關ClampTM for ESD and CDE Protection

UCLAMP3301D Datasheet (HTML) - Semtech Corporation


UCLAMP3301D Product details

Description
The µClampTM series of Transient Voltage Suppressors (TVS) are designed to replace multilayer varistors (MLVs) in portable applications such as cell phones, notebook computers, and PDAs. They offer superior electrical characteristics such as lower clamping voltage and no device degradation when compared to MLVs. They are are designed to protect sensitive semiconductor components from damage or upset due to electrostatic discharge (ESD), lightning, electrical fast transients (EFT), and cable discharge events (CDE).

Features
◆ 100 Watts peak pulse power (tp = 8/20µs)
◆ Transient protection for data lines to
   IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
   IEC 61000-4-4 (EFT) 40A (tp = 5/50ns)
   IEC 61000-4-5 (Lightning) 10A (tp = 8/20µs)
◆ Small package for use in portable electronics
◆ Suitable replacement for MLVs in ESD protection applications
◆ Protects one line
◆ Low clamping voltage
◆ Working voltages: 3.3V
◆ Low leakage current
◆ Solid-state silicon-avalanche technology

Applications
◆ Cell Phone Handsets and Accessories
◆ Laser Diode Protection
◆ Notebooks, Desktops, & Servers
◆ Portable Instrumentation
◆ Analog Inputs




Similar Part No. - UCLAMP3301D

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
UCLAMP3301D UMW-UCLAMP3301D Datasheet
394Kb / 5P
100 Watts peak pulse power (tp = 8/20μs)
logo
TECH PUBLIC Electronics...
UCLAMP3301D TECHPUBLIC-UCLAMP3301D Datasheet
3Mb / 4P
1-Line Unl-directional TVS Diode
More results


Similar Description - UCLAMP3301D

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP3301H SEMTECH-UCLAMP3301H Datasheet
190Kb / 6P
Low Voltage UClampTM for ESD and CDE Protection
RCLAMP2402B SEMTECH-RCLAMP2402B Datasheet
195Kb / 8P
Ultra-Low Capacitance TVS for ESD and CDE Protection
UCLAMP0501P SEMTECH-UCLAMP0501P Datasheet
168Kb / 7P
關ClampTM 1-Line ESD protection
UCLAMP1201H SEMTECH-UCLAMP1201H Datasheet
163Kb / 7P
關ClampTM 1-Line ESD Protection
UCLAMP1201P SEMTECH-UCLAMP1201P Datasheet
164Kb / 7P
關ClampTM 1-Line ESD protection
UCLAMP3301H SEMTECH-UCLAMP3301H_08 Datasheet
184Kb / 7P
Low Voltage 關ClampTM for ESD and CDE Protection
UCLAMP3301P SEMTECH-UCLAMP3301P Datasheet
188Kb / 7P
Low Voltage 關ClampTM for ESD and CDE Protection
UCLAMP3311P SEMTECH-UCLAMP3311P Datasheet
173Kb / 7P
Low Voltage 關ClampTM for ESD and CDE Protection
UCLAMP0301PQ SEMTECH-UCLAMP0301PQ Datasheet
610Kb / 7P
Low Voltage 關Clamp짰 for ESD and CDE Protection
UCLAMP0511T SEMTECH-UCLAMP0511T Datasheet
140Kb / 7P
Low Profile 關ClampTM 1-Line ESD protection
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com