Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRDA05-6 Datasheet (PDF) - Semtech Corporation

SRDA05-6 Datasheet PDF - Semtech Corporation
Part # SRDA05-6
Download  SRDA05-6 Download
File Size   198.83 Kbytes
Page   9 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RailClamp짰 Low Capacitance TVS Diode Array

SRDA05-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRDA05-6 Datasheet PDF - Semtech Corporation

Part # SRDA05-6
Download  SRDA05-6 Click to download

File Size   198.83 Kbytes
Page   9 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RailClamp짰 Low Capacitance TVS Diode Array

SRDA05-6 Datasheet (HTML) - Semtech Corporation


SRDA05-6 Product details

Description
RailClamps are surge rated diode arrays designed to protect high speed data interfaces. The SR series has been specifically designed to protect sensitive components which are connected to data and transmission lines from overvoltage caused by electrostatic discharge (ESD), electrical fast transients (EFT), and lightning.

Features
◆ Transient protection for high-speed data lines to
    IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
    IEC 61000-4-4 (EFT) 40A (5/50ns)
    IEC 61000-4-5 (Lightning) 24A (8/20µs)
◆ Array of surge rated diodes with internal TVS diode
◆ Protects six I/O lines and power supply line
◆ Low capacitance (<15pF) for high-speed interfaces
◆ Low operating & clamping voltages
◆ Solid-state technology

Applications
◆ USB Power & Data Line Protection
◆ T1/E1 secondary IC Side Protection
◆ Token Ring
◆ HDSL, SDSL secondary IC Side Protection
◆ Video Line Protection
◆ Microcontroller Input Protection
◆ Base stations
◆ I2C Bus Protection




Similar Part No. - SRDA05-6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA05-6.TBT SEMTECH-SRDA05-6.TBT Datasheet
168Kb / 9P
Low Capacitance TVS Diode Array
More results


Similar Description - SRDA05-6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0503N SEMTECH-RCLAMP0503N Datasheet
148Kb / 7P
RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0504M SEMTECH-RCLAMP0504M Datasheet
201Kb / 10P
RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0504N SEMTECH-RCLAMP0504N Datasheet
200Kb / 9P
RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0514M SEMTECH-RCLAMP0514M Datasheet
356Kb / 11P
RailClamp짰 Low Capacitance TVS Diode Array
SRDA12-4 SEMTECH-SRDA12-4 Datasheet
268Kb / 10P
RailClamp짰 Low Capacitance TVS Diode Array
SR2.8 SEMTECH-SR2.8 Datasheet
177Kb / 7P
RailClamp짰 Low Capacitance TVS Diode Array
SR3.3 SEMTECH-SR3.3 Datasheet
173Kb / 7P
RailClamp짰 Low Capacitance TVS Diode Array
SR12 SEMTECH-SR12 Datasheet
180Kb / 8P
RailClamp짰 Low Capacitance TVS Diode Array
SRV05-4 SEMTECH-SRV05-4_08 Datasheet
291Kb / 13P
RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0582N SEMTECH-RCLAMP0582N Datasheet
179Kb / 7P
RailClamp짰 Low Capacitance TVS Diode Array
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com