Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25010A Datasheet (PDF) - ATMEL Corporation

AT25010A Datasheet PDF - ATMEL Corporation
Part # AT25010A_07
Download  AT25010A Download
File Size   351.7 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)

AT25010A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25010A Datasheet PDF - ATMEL Corporation

Part # AT25010A_07
Download  AT25010A Click to download

File Size   351.7 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)

AT25010A Datasheet (HTML) - ATMEL Corporation


AT25010A Product details

Description
The AT25010A/020A/040A provides 1024/2048/4096 bits of serial electrically-erasable programmable read-only memory (EEPROM) organized as 128/256/512 words of 8 bits each. The device is optimized for use in many automotive applications where low-power and low-voltage operation are essential. The AT25010A/020A/040A is available in space-saving 8-lead JEDEC SOIC and 8-lead TSSOP packages.

Features
• Serial Peripheral Interface (SPI) Compatible
• Supports SPI Modes 0 (0,0) and 3 (1,1)
   – Data Sheet Describes Mode 0 Operation
• Medium-voltage and Standard-voltage Operation
   – 2.7 (VCC = 2.7V to 5.5V)
• Extended Temperature Range −40°C to +125°C
• 5.0 MHz Clock Rate
• 8-byte Page Mode
   • Block Write Protection
– Protect 1/4, 1/2, or Entire Array
• Write Protect (WP) Pin and Write Disable Instructions for Both Hardware and Software
   Data Protection
• Self-timed Write Cycle (10 ms max)
• High Reliability
   – Endurance: One Million Write Cycles
   – Data Retention: 100 Years
• 8-lead JEDEC SOIC and 8-lead TSSOP Packages




Similar Part No. - AT25010A_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_06 Datasheet
559Kb / 22P
SPI Serial EEPROM
AT25010A ATMEL-AT25010A_09 Datasheet
507Kb / 18P
SPI Automotive Temperature Serial EEPROMs
More results


Similar Description - AT25010A_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
SERIAL 1K 128 x 8 EEPROM
Nov-1997
ST24C02 STMICROELECTRONICS-ST24C02 Datasheet
145Kb / 16P
SERIAL 2K (256 x 8) EEPROM
Nov-1997
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93C66 STMICROELECTRONICS-ST93C66 Datasheet
107Kb / 13P
4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM
Jul-1997
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A Datasheet
167Kb / 18P
3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
logo
STMicroelectronics
ST24C02R STMICROELECTRONICS-ST24C02R Datasheet
141Kb / 16P
SERIAL 2K (256 x 8) EEPROM
Nov-1997
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com