Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1306F Datasheet (PDF) - Frontier Electronics.

1306F Datasheet PDF - Frontier Electronics.
Part # 1306F
Download  1306F Download
File Size   84.44 Kbytes
Page   3 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description SMD Molded Wire Wound Ferrite Chip Inductors

1306F Datasheet (PDF)

Go To PDF Page Download Datasheet
1306F Datasheet PDF - Frontier Electronics.

Part # 1306F
Download  1306F Click to download

File Size   84.44 Kbytes
Page   3 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description SMD Molded Wire Wound Ferrite Chip Inductors

1306F Datasheet (HTML) - Frontier Electronics.


1306F Product details

General information:

1. Tolerance: M: ± 20%, K: ± 10%, J: ± 5%.

2. Operating temperature: -40ºC TO +125ºC.

3. Electrical specifications at 25ºC.

4. For 15ºC Temperature Rise.

5. Small and light weight surface mounting type.

6. Coil body made of ferrite material in chip form.

7. High Q at high frequency.

8. High self-resonance frequency.

9. Inductance & Q measured using the HP4291B.

10. SRF measured using the HP8720D or HP8753E.

11. DCR measured using the 502BC.

12. Inductance & current Range: From 0.010uH (500mA) to 22uH (80mA).

13. RoHS compliant.



Applications:

Pagers.

Mobile communication units.

Portable telephone.

Hybrid.



 




Similar Part No. - 1306F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1306F ETC-1306F Datasheet
138Kb / 2P
200 V - 1,000 V Single Phase Bridge
logo
Voltage Multipliers Inc...
1306F VMI-1306F Datasheet
142Kb / 2P
200 V - 1,000 V Single Phase Bridge 4.5 A - 5.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
Frontier Electronics.
1306F FRONTIER-1306F Datasheet
121Kb / 5P
Tape and Reel Specifications
1306F-100J FRONTIER-1306F-100J Datasheet
90Kb / 3P
SMD Molded Wire Wound Ferrite Chip Inductors
1306F-100K FRONTIER-1306F-100K Datasheet
90Kb / 3P
SMD Molded Wire Wound Ferrite Chip Inductors
More results


Similar Description - 1306F

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0805F FRONTIER-0805F Datasheet
79Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
CF322522 FRONTIER-CF322522 Datasheet
57Kb / 3P
Molded Wire Wound Ferrite Chip Inductors
CF453232 FRONTIER-CF453232 Datasheet
51Kb / 3P
Molded Wire Wound Ferrite Chip Inductors
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
SMD Wire Wound Ferrite Chip Inductors
1306F-10NM FRONTIER-1306F-10NM Datasheet
90Kb / 3P
SMD Molded Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
SQC ETC2-SQC Datasheet
463Kb / 7P
SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F_15 Datasheet
179Kb / 2P
SMD WIRE WOUND FERRITE CHIP INDUCTORS
CF252018 FRONTIER-CF252018 Datasheet
223Kb / 2P
SMD MOLDED WIRE WOUND FERRITE CHIP INDUCTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com