Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-J456 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-J456 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-J456
Download  HCPL-J456 Download
File Size   359.52 Kbytes
Page   21 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Intelligent Power Module and Gate Drive Interface Optocouplers

HCPL-J456 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-J456 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-J456
Download  HCPL-J456 Click to download

File Size   359.52 Kbytes
Page   21 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Intelligent Power Module and Gate Drive Interface Optocouplers

HCPL-J456 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-J456 Product details

Description
The HCPL-4506 and HCPL-0466 contain a GaAsP LED while the HCPL-J456 and the HCNW4506 contain an AlGaAs LED. The LED is optically coupled to an integrated high gain photo detector. Minimized propagation delay difference between devices makes these optocouplers excellent solutions for improving inverter efciency through reduced switching dead time.
An on chip 20 kΩ output pull-up resistor can be enabled by shorting output pins 6 and 7, thus eliminating the need for an external pull-up resistor in common IPM applications. Specifcations and performance plots are given for typical IPM applications.

Features
• Performance specifed for bommon IPM applications
   over industrial temperature range: -40°C to 100°C
• Fast maximum propagation delays
   tPHL = 480 ns
   tPLH = 550 ns
• Minimized Pulse Width Distortion
   PWD = 450 ns
• 15 kV/µs minimum common mode transient immunity
   at VCM = 1500 V
• CTR > 44% at IF = 10 mA
• Safety approval:
   UL Recognized
      -3750 V rms / 1 min. for HCPL-4506/0466/J456
      -5000 V rms / 1 min. for HCPL-4506 Option 020
         and HCNW4506
        
   CSA Approved
   IEC/EN/DIN EN 60747-5-2 Approved
   -VIORM = 560 Vpeak for HCPL-0466 Option 060
   -VIORM = 630 Vpeak for HCPL-4506 Option 060
   -VIORM = 891 Vpeak for HCPL-J456
   -VIORM = 1414 Vpeak for HCNW4506

Applications
• IPM isolation
• Isolated IGBT/MOSFET gate drive
• AC and brushless DC motor drives
• Industrial inverters




Similar Part No. - HCPL-J456

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
More results


Similar Description - HCPL-J456

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4506 HP-HCPL-4506 Datasheet
267Kb / 14P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com