Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA16 Datasheet (PDF) - Suntac Electronic Corp.

BTA16 Datasheet PDF - Suntac Electronic Corp.
Part # BTA16
Download  BTA16 Download
File Size   83.43 Kbytes
Page   4 Pages
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.
Description 16A Triacs logic level

BTA16 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTA16 Datasheet PDF - Suntac Electronic Corp.

Part # BTA16
Download  BTA16 Click to download

File Size   83.43 Kbytes
Page   4 Pages
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.
Description 16A Triacs logic level

BTA16 Datasheet (HTML) - Suntac Electronic Corp.


BTA16 Product details

DESCRIPTION
Available either in through-hole or surface-mount packages, the BTA/BTB16 and T16 triac series is suitable for general purpose AC switching. They can be used as an ON/OFF function in applications such as static relays, heating regulation, induction motor starting circuits... or for phase control operation in light dimmers, motor speed controllers, ...
The snubberless versions (BTA/BTB...W and T16 series) are specially recommended for use on inductive loads, thanks to their high commutation performances. By using an internal ceramic pad, the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards (File ref.: E81734).




Similar Part No. - BTA16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA16 STMICROELECTRONICS-BTA16 Datasheet
67Kb / 5P
STANDARD TRIACS
Mar-1995
BTA16 STMICROELECTRONICS-BTA16 Datasheet
99Kb / 9P
16A TRIACS
13-Feb-2006
BTA16 STMICROELECTRONICS-BTA16 Datasheet
116Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
logo
JIEJIE MICROELECTRONICS...
BTA16 JIEJIE-BTA16 Datasheet
692Kb / 6P
16A TRIACs
logo
Comset Semiconductor
BTA16 COMSET-BTA16 Datasheet
156Kb / 3P
TRIAC
More results


Similar Description - BTA16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT131 PHILIPS-BT131 Datasheet
49Kb / 6P
Triacs logic level
April 1998 Rev 1.000
BT131W PHILIPS-BT131W Datasheet
53Kb / 7P
Triacs logic level
July 1998 Rev 1.000
logo
Unisonic Technologies
BT131 UTC-BT131 Datasheet
188Kb / 5P
TRIACS LOGIC LEVEL
UT131 UTC-UT131 Datasheet
189Kb / 5P
TRIACS LOGIC LEVEL
logo
Suntac Electronic Corp.
BT134 SUNTAC-BT134 Datasheet
130Kb / 4P
Triacs logic level
logo
Unisonic Technologies
UT131 UTC-UT131_12 Datasheet
297Kb / 5P
TRIACS LOGIC LEVEL
logo
Nell Semiconductor Co.,...
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
TRIACs, 16A Snubberless, Logic Level and Standard
logo
NXP Semiconductors
BT134-600D127 NXP-BT134-600D127 Datasheet
107Kb / 8P
Triacs logic level
October 1997
BT137D PHILIPS-BT137D Datasheet
49Kb / 6P
Triacs logic level
September 1997 Rev 1.200
logo
Tiger Electronic Co.,Lt...
BT137S-600 TGS-BT137S-600 Datasheet
321Kb / 1P
Triacs logic level
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com