Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA3001 Datasheet (PDF) - HBH Microwave GmbH

HA3001 Datasheet PDF - HBH Microwave GmbH
Part # HA3001
Download  HA3001 Download
File Size   33.47 Kbytes
Page   4 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 2.0 - 4.0 GHz Broadband Amplifier

HA3001 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA3001 Datasheet PDF - HBH Microwave GmbH

Part # HA3001
Download  HA3001 Click to download

File Size   33.47 Kbytes
Page   4 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 2.0 - 4.0 GHz Broadband Amplifier

HA3001 Datasheet (HTML) - HBH Microwave GmbH


HA3001 Product details

General Description
The HA3001 is a broadband amplifier for medium power applications.
The high gain, low noise figure and high output power makes this device for a low noise driver amplifier
in the frequency range from 2.0GHz to 4.0GHz.
The device operates from –40°C to +85°C.




Similar Part No. - HA3001

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA3002 HBH-HA3002 Datasheet
12Kb / 1P
3.0 - 3.7 GHz Power Amplifier
HA3004 HBH-HA3004 Datasheet
20Kb / 1P
3.1GHz - 3.5GHz Low Noise Amplifier
More results


Similar Description - HA3001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0027 MACOM-MAAPGM0027 Datasheet
262Kb / 5P
1.0W Power Amplifier 2.0-4.0 GHZ
MAAPGM0027-DIE MACOM-MAAPGM0027-DIE Datasheet
273Kb / 6P
2.0-4.0 GHz 1W Power Amplifier
logo
Analog Devices
ADL5321 AD-ADL5321 Datasheet
196Kb / 9P
2.3 GHz to 4.0 GHz RF Driver Amplifier
Jan-2008
logo
HBH Microwave GmbH
HA6001 HBH-HA6001 Datasheet
20Kb / 1P
5.0 - 15.0 GHz Broadband Amplifier
HA6012 HBH-HA6012 Datasheet
25Kb / 1P
2.0 - 18.0 GHz Broadband High Power Amplifier
logo
M/A-COM Technology Solu...
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
logo
Transcom, Inc.
TA020-040-37-35 TRANSCOM-TA020-040-37-35 Datasheet
51Kb / 2P
2.0 ??4.0 GHz 36dBm Amplifiers
TA020-040-42-38 TRANSCOM-TA020-040-42-38 Datasheet
72Kb / 2P
2.0 ??4.0 GHz 38dBm Amplifiers
logo
TriQuint Semiconductor
TGA2731-SM TRIQUINT-TGA2731-SM_15 Datasheet
2Mb / 15P
2.7 to 4.0 GHz Driver Amplifier
More results




About HBH Microwave GmbH


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com