Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV6001 Datasheet (PDF) - HBH Microwave GmbH

HV6001 Datasheet PDF - HBH Microwave GmbH
Part # HV6001
Download  HV6001 Download
File Size   19.27 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 10.6 GHz to 10.9 GHz VCO

HV6001 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV6001 Datasheet PDF - HBH Microwave GmbH

Part # HV6001
Download  HV6001 Click to download

File Size   19.27 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 10.6 GHz to 10.9 GHz VCO

HV6001 Datasheet (HTML) - HBH Microwave GmbH




Similar Part No. - HV6001

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HV6002 HBH-HV6002 Datasheet
13Kb / 1P
12 GHz VCO
logo
Supertex, Inc
HV6008 SUTEX-HV6008 Datasheet
467Kb / 5P
32-Channel 짹40V Liquid Crystal Display Row Driver
HV6008 SUTEX-HV6008 Datasheet
1Mb / 7P
32-Channel 짹40V Liquid Crystal Display Row Driver
HV6008DJ SUTEX-HV6008DJ Datasheet
467Kb / 5P
32-Channel 짹40V Liquid Crystal Display Row Driver
HV6008PG SUTEX-HV6008PG Datasheet
467Kb / 5P
32-Channel 짹40V Liquid Crystal Display Row Driver
More results


Similar Description - HV6001

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HV7001 HBH-HV7001 Datasheet
21Kb / 1P
21.1 GHz to 21.4 GHz VCO
HV7002 HBH-HV7002 Datasheet
21Kb / 1P
23.8 GHz to 24.2 GHz VCO
logo
Hittite Microwave Corpo...
HMC534LP5 HITTITE-HMC534LP5_11 Datasheet
454Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 10.6 - 11.8 GHz
logo
Micronetics, Inc.
C11A MICRONETICS-C11A Datasheet
334Kb / 2P
Double Balanced Mixers 10.9 to 12.8 GHz
C11H MICRONETICS-C11H Datasheet
334Kb / 2P
Double Balanced Mixers 10.9 to 12.8 GHz
C11K MICRONETICS-C11K Datasheet
334Kb / 2P
Double Balanced Mixers 10.9 to 12.8 GHz
C11Q MICRONETICS-C11Q Datasheet
334Kb / 2P
Double Balanced Mixers 10.9 to 12.8 GHz
C11V MICRONETICS-C11V Datasheet
334Kb / 2P
Double Balanced Mixers 10.9 to 12.8 GHz
logo
Analog Devices
HMC8362 AD-HMC8362 Datasheet
335Kb / 17P
11.90 GHz to 18.30 GHz Quadband VCO
Sep-2020
HMC8364 AD-HMC8364 Datasheet
465Kb / 17P
18.10 GHz to 26.60 GHz Quadband VCO
Sep-2020
More results




About HBH Microwave GmbH


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com