Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQ-50 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

RQ-50 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # RQ-50
Download  RQ-50 Download
File Size   228.86 Kbytes
Page   2 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 50W Quad Output Switching Power Supply

RQ-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
RQ-50 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # RQ-50
Download  RQ-50 Click to download

File Size   228.86 Kbytes
Page   2 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 50W Quad Output Switching Power Supply

RQ-50 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


RQ-50 Product details

50W Quad Output Switching Power Supply



Features :

Universal AC input / Full range

Protections: Short circuit / Overload / Over voltage

Cooling by free air convection

LED indicator for power on

100% full load burn-in test

All using 105℃ long life electrolytic capacitors

Withstand 300VAC surge input for 5 second

High operating temperature up to 70℃

Withstand 5G vibration test

High efficiency, long life and high reliability

3 years warranty




Similar Part No. - RQ-50

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RQ-50 ASTRODYNE-RQ-50 Datasheet
308Kb / 2P
50W Quad Output Switching Power Supply
logo
RSG Electronic Componen...
RQ-50 RSG-RQ-50 Datasheet
249Kb / 2P
50W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
RQ-50 MEANWELL-RQ-50 Datasheet
238Kb / 2P
50W Quad Output Switching Power Supply
logo
Total Power Internation...
RQ-50 TOTAL-POWER-RQ-50 Datasheet
301Kb / 2P
50W Quad Output Switching Power Supply
logo
FranMar International I...
RQ-50 FRANMAR-RQ-50 Datasheet
106Kb / 2P
Power Supply
2020-05-25
More results


Similar Description - RQ-50

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RQ-50 ASTRODYNE-RQ-50 Datasheet
308Kb / 2P
50W Quad Output Switching Power Supply
logo
RSG Electronic Componen...
RQ-50 RSG-RQ-50 Datasheet
249Kb / 2P
50W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
NED-50 MEANWELL-NED-50_10 Datasheet
425Kb / 2P
50W Dual Output Switching Power Supply
RQ-50 MEANWELL-RQ-50_10 Datasheet
238Kb / 2P
50W Quad Output Switching Power Supply
RT-50 MEANWELL-RT-50_11 Datasheet
416Kb / 2P
50W Triple Output Switching Power Supply
RQ-50 MEANWELL-RQ-50_11 Datasheet
239Kb / 2P
50W Quad Output Switching Power Supply
RID-50 MEANWELL-RID-50_11 Datasheet
417Kb / 2P
50W Dual Output Switching Power Supply
NET-50 MEANWELL-NET-50_11 Datasheet
427Kb / 2P
50W Triple Output Switching Power Supply
logo
Astrodyne Corporation
RQ50 ASTRODYNE-RQ50 Datasheet
0Kb / 4P
50W Quad Output Switching Power Supply
logo
Total Power Internation...
RQ-50 TOTAL-POWER-RQ-50 Datasheet
301Kb / 2P
50W Quad Output Switching Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com