Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2211 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SD2211 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SD2211
Download  2SD2211 Download
File Size   51.69 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Power Transistor

2SD2211 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2211 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD2211
Download  2SD2211 Click to download

File Size   51.69 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Power Transistor

2SD2211 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SD2211 Product details

Features

High breakdown voltage.(BVCEO = 160V)

Low collector output capacitance.

(Typ. 20pF at VCB = 10V)

High transition frequency.(fT = 80MHZ)




Similar Part No. - 2SD2211

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2211 ROHM-2SD2211 Datasheet
138Kb / 4P
Power Transistor (160V , 1.5A)
logo
Dongguan Pingjingsemi T...
2SD2211SQ PJSEMI-2SD2211SQ Datasheet
478Kb / 3P
NPN Silicon Epitaxial Planar Transistor
More results


Similar Description - 2SD2211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
POWER TRANSISTOR
1995
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
Power transistor
15-Nov-2006
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
Power Transistor
2SD2114K KEXIN-2SD2114K Datasheet
36Kb / 1P
Power Transistor
2SB1260 KEXIN-2SB1260 Datasheet
51Kb / 1P
Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
Power Transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
Power Transistor
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
Power Transistor
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com