Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9517DR Datasheet (PDF) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

PCA9517DR Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Part # PCA9517DR
Download  PCA9517DR Download
File Size   490.56 Kbytes
Page   17 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description LEVEL-TRANSLATING I2C BUS REPEATER

PCA9517DR Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9517DR Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # PCA9517DR
Download  PCA9517DR Click to download

File Size   490.56 Kbytes
Page   17 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description LEVEL-TRANSLATING I2C BUS REPEATER

PCA9517DR Datasheet (HTML) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS


PCA9517DR Product details

DESCRIPTION/ORDERING INFORMATION

This dual bidirectional I2C buffer is operational at 2.7 V to 5.5 V.

The PCA9517 is a BiCMOS integrated circuit intended for I2C bus and SMBus systems. It can also provide bidirectional voltage-level translation (up-translation/down-translation) between low voltages (down to 0.9 V) and higher voltages (2.7 V to 5.5 V) in mixed-mode applications. This device enables I2C and similar bus systems to be extended, without degradation of performance even during level shifting.



FEATURES

• Two-Channel Bidirectional Buffer

• I2C Bus and SMBus Compatible

• Operating Supply Voltage Range of 0.9 V to 5.5 V on A Side

• Operating Supply Voltage Range of 2.7 V to 5.5 V on B Side

• Voltage-Level Translation From 0.9 V to 5.5 V and 2.7 V to 5.5 V

• Footprint and Function Replacement for PCA9515A

• Active-High Repeater-Enable Input

• Open-Drain I2C I/O

• 5.5-V Tolerant I2C and Enable Input Support Mixed-Mode Signal Operation

• Lockup-Free Operation

• Accommodates Standard Mode and Fast Mode I2C Devices and Multiple Masters

• Supports Arbitration and Clock Stretching Across Repeater

• Powered-Off High-Impedance I2C Pins

• 400-kHz Fast I2C Bus

• Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II

• ESD Protection Exceeds JESD 22

– 2000-V Human-Body Model (A114-A)

– 200-V Machine Model (A115-A)

– 1000-V Charged-Device Model (C101)




Similar Part No. - PCA9517DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9517DR TI-PCA9517DR Datasheet
451Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
PCA9517DR TI1-PCA9517DR Datasheet
1Mb / 28P
PCA9517 Level-Translating
PCA9517DR TI2-PCA9517DR Datasheet
650Kb / 25P
PCA9517 Level-Translating I2C Bus Repeater
REVISED JUNE 2014
PCA9517DR.A TI2-PCA9517DR.A Datasheet
650Kb / 25P
PCA9517 Level-Translating I2C Bus Repeater
REVISED JUNE 2014
PCA9517DRG4 TI-PCA9517DRG4 Datasheet
451Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
More results


Similar Description - PCA9517DR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9517 PHILIPS-PCA9517 Datasheet
107Kb / 13P
Level translating I2C-bus repeater
2004 Oct 05
PCA9517A NXP-PCA9517A Datasheet
118Kb / 19P
Level translating I2C-bus repeater
Rev. 02-5 May 2008
logo
Texas Instruments
PCA9517 TI-PCA9517 Datasheet
451Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
Texas Instruments
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A Datasheet
202Kb / 14P
Level-Translating I2C-Bus Repeater
August, 2013 ??Rev. 0
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
Level translating I2C-bus repeater
Rev. 4-9 May 2012
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com