Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPA2790GR Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

KPA2790GR Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # KPA2790GR
Download  KPA2790GR Download
File Size   58.97 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Transistor

KPA2790GR Datasheet (PDF)

Go To PDF Page Download Datasheet
KPA2790GR Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # KPA2790GR
Download  KPA2790GR Click to download

File Size   58.97 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Transistor

KPA2790GR Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


KPA2790GR Product details

Features

Low on-state resistance

N-channel  RDS(on)1 = 28 mΩ MAX. (VGS = 10 V, ID = 3 A)

               RDS(on)2 = 40 mΩ MAX. (VGS = 4.5 V, ID = 3 A)

P-channel  RDS(on)1 = 60 mΩ MAX. (VGS = -10 V, ID = -3 A)

               RDS(on)2 = 80 mΩ MAX. (VGS = -4.5 V, ID = -3 A)

Low input capacitance

N-channel Ciss = 500 pF TYP.

P-channel Ciss = 460 pF TYP.

Built-in gate protection diode

Small and surface mount package




Similar Part No. - KPA2790GR

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPA-1606CGCK TO-GRACE-KPA-1606CGCK Datasheet
845Kb / 4P
1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
logo
Kingbright Corporation
KPA-1606CGCK KINGBRIGHT-KPA-1606CGCK Datasheet
3Mb / 19P
Optoelectronic Components
KPA-1606EC KINGBRIGHT-KPA-1606EC Datasheet
340Kb / 5P
1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
V.6A MAR/19/2013
logo
HK TO-GRACE TECHNOLOGY ...
KPA-1606QBC-D TO-GRACE-KPA-1606QBC-D Datasheet
834Kb / 4P
1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
logo
Kingbright Corporation
KPA-1606QBC-D KINGBRIGHT-KPA-1606QBC-D Datasheet
3Mb / 19P
Optoelectronic Components
More results


Similar Description - KPA2790GR

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113B NEC-2SK3113B Datasheet
202Kb / 8P
MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP83P06PDG NEC-NP83P06PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP100P04PDG NEC-NP100P04PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
KPA1790 KEXIN-KPA1790 Datasheet
58Kb / 2P
MOS Field Effect Transistor
2SK3919 KEXIN-2SK3919 Datasheet
45Kb / 1P
MOS Field Effect Transistor
2SK3635 KEXIN-2SK3635 Datasheet
46Kb / 1P
MOS Field Effect Transistor
2SJ598 KEXIN-2SJ598 Datasheet
49Kb / 2P
MOS Field Effect Transistor
KPA1750 KEXIN-KPA1750 Datasheet
52Kb / 2P
MOS Field Effect Transistor
2SK1133 KEXIN-2SK1133 Datasheet
43Kb / 1P
MOS Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com