Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T5027A Datasheet (PDF) - Advanced Technical Materials Inc.

T5027A Datasheet PDF - Advanced Technical Materials Inc.
Part # T5027A
Download  T5027A Download
File Size   83.52 Kbytes
Page   1 Pages
Manufacturer  ATM [Advanced Technical Materials Inc.]
Direct Link  http://www.atmmicrowave.com
Logo ATM - Advanced Technical Materials Inc.
Description OUTLINE, COAX TERMINATION, 50W, TYPE-N

T5027A Datasheet (PDF)

Go To PDF Page Download Datasheet
T5027A Datasheet PDF - Advanced Technical Materials Inc.

Part # T5027A
Download  T5027A Click to download

File Size   83.52 Kbytes
Page   1 Pages
Manufacturer  ATM [Advanced Technical Materials Inc.]
Direct Link  http://www.atmmicrowave.com
Logo ATM - Advanced Technical Materials Inc.
Description OUTLINE, COAX TERMINATION, 50W, TYPE-N

T5027A Datasheet (HTML) - Advanced Technical Materials Inc.




Similar Part No. - T5027A

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
T502-019.44M CONNOR-WINFIELD-T502-019.44M Datasheet
203Kb / 4P
Telecom Performance TCXO / VCTCXO
logo
Kemet Corporation
T502B106K016AG6110 KEMET-T502B106K016AG6110 Datasheet
81Kb / 1P
Tantalum, MnO2 Tantalum, High Temperature, T502, 10 uF, 10%, 16 V, 3528, SMD, MnO2, Molded, High Temperature, 230C, N/A, 2.8 Ohms, Height Max = 2.1mm
T502B685K016AG6110 KEMET-T502B685K016AG6110 Datasheet
1Mb / 16P
Tantalum Surface Mount Capacitors ??High Temperature
T502B685K016AG6110 KEMET-T502B685K016AG6110 Datasheet
1Mb / 15P
Tantalum Surface Mount Capacitors ??High Temperature
T502B685K016AG6210 KEMET-T502B685K016AG6210 Datasheet
1Mb / 16P
Tantalum Surface Mount Capacitors ??High Temperature
More results


Similar Description - T5027A

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A10A50X1A ANAREN-A10A50X1A Datasheet
200Kb / 2P
Chip Termination 10 Watts, 50W
logo
Advanced Technical Mate...
580-253-XX ATM-580-253-XX Datasheet
53Kb / 1P
OUTLINE, WRD580 WG-COAX ADQPTER, TYPE-N
475-253-XX ATM-475-253-XX Datasheet
43Kb / 1P
OUTLINE, WRD475 WG-COAX ADAPTER TYPE-N
250-253-XX ATM-250-253-XX Datasheet
81Kb / 1P
OUTLINE, WRD250 W/G-COAX ADAPTER, TYPE-N
T50024 ATM-T50024 Datasheet
198Kb / 1P
OUTLINE, COAX TERMINATION
XXX-258-X ATM-XXX-258-X Datasheet
44Kb / 1P
OUTLINE, WG-COAX ADAPTOR (TYPE-SC)
XXX-253X-XX ATM-XXX-253X-XX Datasheet
50Kb / 1P
OUTLINE, W/G-COAX ADAPTER TYPE-N
WR28 ATM-WR28 Datasheet
130Kb / 1P
OUTLINE, W/G-COAX ADAPTER - ENDLAUNCH TYPE SMA&TYPE-N
T5017A ATM-T5017A Datasheet
89Kb / 1P
OUTLINE, COAX TERMINATION, 50W, SMA
650-253-XX ATM-650-253-XX Datasheet
34Kb / 1P
OUTLINE, WRD650 WG-COAX ADAPTOR, TYPE-N
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com