Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2351 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SD2351 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SD2351
Download  2SD2351 Download
File Size   45.81 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description General Purpose Transistor

2SD2351 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2351 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD2351
Download  2SD2351 Click to download

File Size   45.81 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description General Purpose Transistor

2SD2351 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SD2351 Product details

Features
● High DC current gain.
● High emitter-base voltage. (VCBO=12V)
● Low saturation voltage. (Typ. VCE(sat)=0.3V at IC/IB=50mA/5mA)




Similar Part No. - 2SD2351

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2351 ROHM-2SD2351 Datasheet
87Kb / 4P
General Purpose Transistor (50V, 0.15A)
2SD2351 ROHM-2SD2351 Datasheet
61Kb / 2P
MEDIUM POWER TRANSISTOR(25V, 1.2V), GENERAL PURPOSE TRANSISTOR(50V, 0.15A)
2SD2351 ROHM-2SD2351 Datasheet
634Kb / 11P
NPN 150mA 50V Muting Transistors
2SD2351T106V ROHM-2SD2351T106V Datasheet
634Kb / 11P
NPN 150mA 50V Muting Transistors
2SD2351T106W ROHM-2SD2351T106W Datasheet
634Kb / 11P
NPN 150mA 50V Muting Transistors
More results


Similar Description - 2SD2351

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com