Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4280 Datasheet (PDF) - TEMIC Semiconductors

U4280 Datasheet PDF - TEMIC Semiconductors
Part # U4280
Download  U4280 Download
File Size   172.78 Kbytes
Page   9 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description AM / FM - PLL

U4280 Datasheet (PDF)

Go To PDF Page Download Datasheet
U4280 Datasheet PDF - TEMIC Semiconductors

Part # U4280
Download  U4280 Click to download

File Size   172.78 Kbytes
Page   9 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description AM / FM - PLL

U4280 Datasheet (HTML) - TEMIC Semiconductors


U4280 Product details

Description
The U4280BM is an integrated circuit in BICMOS technology for frequency synthesizer. It performs all the functions of a PLL radio tuning system and is controlled by I2C bus. The device is designed for all frequency synthesizer applications of radio receivers, as well as RDS (Radio Data System) applications.

Features
● Frequency range up to 150 MHz
● Pre-amplifier for AM and FM
● Fine tuning steps: AM ≥ 1kHz FM ≥ 2 kHz
● Two programmable 16-bit divider, adjustable from 2 to 65535
● Reference oscillator up to 15 MHz
● 5 programmable switching outputs, 4 are open drain outputs up to 15 V
● Phase detector with separate outputs for AM and FM
● Controlled via I2C bus




Similar Part No. - U4280

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U428-003 TRIPPLITE-U428-003 Datasheet
168Kb / 3P
USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB Type-A (M/M), 3 ft.
U428-003-CRA TRIPPLITE-U428-003-CRA Datasheet
162Kb / 3P
USB Type-C to USB Type-A Cable (M/M) - Right Angle, 3.1, 5 Gbps, Gen 1, 3 ft. - Thunderbolt 3
U428-003-G2 TRIPPLITE-U428-003-G2 Datasheet
167Kb / 3P
USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) to USB-A (M/M), 3 ft.
U428-006 TRIPPLITE-U428-006 Datasheet
163Kb / 3P
USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB Type-A M/M, Thunderbolt 3, 6-ft.
U428-06N-F TRIPPLITE-U428-06N-F Datasheet
157Kb / 3P
USB 3.1 Gen 1 (5 Gbps) Adapter Cable, USB Type-C (USB-C) to USB Type-A M/F, 6-in. Length
More results


Similar Description - U4280

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
logo
Samsung semiconductor
S1A0903X01 SAMSUNG-S1A0903X01 Datasheet
119Kb / 10P
AM/FM TUNER MPX PLL
logo
Sanyo Semicon Device
LC72130 SANYO-LC72130 Datasheet
306Kb / 22P
AM/FM PLL Frequency Synthesizer
LC72131 SANYO-LC72131 Datasheet
406Kb / 23P
AM/FM PLL Frequency Synthesizer
LC72132 SANYO-LC72132 Datasheet
451Kb / 23P
AM/FM PLL Frequency Synthesizer?
logo
TEMIC Semiconductors
U4285BM TEMIC-U4285BM Datasheet
138Kb / 10P
AM / FM - PLL
U4286BM TEMIC-U4286BM Datasheet
113Kb / 9P
AM / FM-PLL
logo
List of Unclassifed Man...
U4289BM ETC-U4289BM Datasheet
134Kb / 10P
AM / FM - PLL
logo
ATMEL Corporation
U4289BM ATMEL-U4289BM Datasheet
163Kb / 10P
AM/FM PLL with 1 Switch
logo
TEMIC Semiconductors
U4283BM TEMIC-U4283BM Datasheet
152Kb / 9P
AM / FM - PLL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com