Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA145 Datasheet (PDF) - TEMIC Semiconductors

UAA145 Datasheet PDF - TEMIC Semiconductors
Part # UAA145
Download  UAA145 Download
File Size   168.04 Kbytes
Page   11 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Phase Control Circuit for Industrial Applications

UAA145 Datasheet (PDF)

Go To PDF Page Download Datasheet
UAA145 Datasheet PDF - TEMIC Semiconductors

Part # UAA145
Download  UAA145 Click to download

File Size   168.04 Kbytes
Page   11 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Phase Control Circuit for Industrial Applications

UAA145 Datasheet (HTML) - TEMIC Semiconductors


UAA145 Product details

Description

The UAA145 is a bipolar integrated circuit, designed to provide phase control for industrial applications. It permits the number of components in thyristor drive circuits to be drastically reduced. The versatility of the device is further enhanced by the provision of a large number of pins giving access to internal circuit points.



Features

• Separate pulse output synchronized by mains half wave

• Output pulse-width is freely adjustable

• Phase angle variable from >0° to <180°

• High-impedance phase shift input

• Less than 3° pulse symmetry between two half-cycles or phase of different integrated circuits

• Output pulse blocking



Applications

• Industrial power control

• Silicon controlled rectifier



 




Similar Part No. - UAA145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UAA145 ETC1-UAA145 Datasheet
188Kb / 1P
TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results


Similar Description - UAA145

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
Phase Control Circuit for Current Feedback
U209B3 TEMIC-U209B3 Datasheet
206Kb / 14P
Phase Control Circuit - Tacho Applications
U210B TEMIC-U210B Datasheet
378Kb / 15P
Phase Control Circuit - Load Current Feedback Applications
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
logo
TEMIC Semiconductors
U210B1 TEMIC-U210B1 Datasheet
166Kb / 12P
Phase Control Circuit Load Current Feedback Applications
logo
ATMEL Corporation
U209B ATMEL-U209B_07 Datasheet
449Kb / 19P
Phase Control IC for Tacho Applications
logo
Littelfuse
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
Excellent unidirectional switches for phase control applications
logo
ARTSCHIP ELECTRONICS CO...
U2010B ARTSCHIP-U2010B Datasheet
3Mb / 11P
Phase Control Circuit for Current Feedback
logo
TEMIC Semiconductors
U111B TEMIC-U111B Datasheet
431Kb / 6P
Phase Control Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com