Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCX1147A Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

FCX1147A Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # FCX1147A
Download  FCX1147A Download
File Size   52.25 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description PNP Silicon Power Switching Transistor

FCX1147A Datasheet (PDF)

Go To PDF Page Download Datasheet
FCX1147A Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # FCX1147A
Download  FCX1147A Click to download

File Size   52.25 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description PNP Silicon Power Switching Transistor

FCX1147A Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


FCX1147A Product details

Features
● 2W power dissipation.
● 20A peak pulse current.
● Excellent HFE characteristics up to 20 Amps.
● Extremely low saturation voltage E.g. 25mv Typ.
● Extremely low equivalent on-resistance.
   RCE(sat) 53mΩ at 3A.




Similar Part No. - FCX1147A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX1147A ZETEX-FCX1147A Datasheet
74Kb / 3P
PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX1147A DIODES-FCX1147A Datasheet
92Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
DECEMBER 1998
logo
List of Unclassifed Man...
FCX1147A ETC2-FCX1147A Datasheet
92Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX1147ATA ETC2-FCX1147ATA Datasheet
92Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX1147A DIODES-FCX1147A_15 Datasheet
92Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
DECEMBER 1998
More results


Similar Description - FCX1147A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX1149A ZETEX-FCX1149A Datasheet
108Kb / 3P
PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX790A ZETEX-FCX790A Datasheet
78Kb / 3P
PNP SILICON POWER (SWITCHING) TRANSISTOR?
ZUMT717 ZETEX-ZUMT717 Datasheet
126Kb / 3P
PNP SILICON POWER (SWITCHING) TRANSISTOR
ZUMT718 ZETEX-ZUMT718 Datasheet
52Kb / 3P
PNP SILICON POWER (SWITCHING) TRANSISTOR
ZUMT720 ZETEX-ZUMT720 Datasheet
131Kb / 3P
PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Guangdong Kexin Industr...
FCX717 KEXIN-FCX717 Datasheet
51Kb / 2P
PNP Silicon Power Switching Transistor
FCX789A KEXIN-FCX789A Datasheet
51Kb / 2P
PNP Silicon Power Switching Transistor
FCX1149A KEXIN-FCX1149A Datasheet
52Kb / 2P
PNP Silicon Power Switching Transistor
FCX1151A KEXIN-FCX1151A Datasheet
52Kb / 2P
PNP Silicon Power Switching Transistor
logo
Microsemi Corporation
2N7372 MICROSEMI-2N7372_1 Datasheet
102Kb / 2P
PNP POWER SILICON SWITCHING TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com