Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDB4020P Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

FDB4020P Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # FDB4020P
Download  FDB4020P Download
File Size   51.36 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor

FDB4020P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDB4020P Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # FDB4020P
Download  FDB4020P Click to download

File Size   51.36 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor

FDB4020P Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


FDB4020P Product details

Features
● -16 A, -20 V.
   RDS(on) = 0.08 Ù @ VGS = -4.5 V
   RDS(on) = 0.11 Ù @ VGS = -2.5 V.
● Critical DC electrical parameters specified at elevated temperature.
● High density cell design for extremely low RDS(on).




Similar Part No. - FDB4020P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB4020P FAIRCHILD-FDB4020P Datasheet
213Kb / 7P
P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
FDB4020P FAIRCHILD-FDB4020P Datasheet
79Kb / 5P
P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
More results


Similar Description - FDB4020P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP4020P FAIRCHILD-FDP4020P Datasheet
213Kb / 7P
P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
FDT439N FAIRCHILD-FDT439N Datasheet
289Kb / 8P
N-Channel 2.5V Specified EnhancementMode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Fairchild Semiconductor
FDP4020P FAIRCHILD-FDP4020P_00 Datasheet
79Kb / 5P
P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com