Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2133 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SK2133 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SK2133
Download  2SK2133 Download
File Size   46.33 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Power Transistor

2SK2133 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2133 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK2133
Download  2SK2133 Click to download

File Size   46.33 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Power Transistor

2SK2133 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SK2133 Product details

Features

• Low on-resistance

   RDS(on)=0.21 MAX. @VGS=10V, ID=8.0A

• Low Ciss Ciss=1090 pF TYP.

• High avalanche capabil



 




Similar Part No. - 2SK2133

ManufacturerPart #DatasheetDescription
logo
NEC
2SK2133 NEC-2SK2133 Datasheet
366Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
logo
Renesas Technology Corp
2SK2133 RENESAS-2SK2133 Datasheet
605Kb / 10P
MOS FIELD EFFECT POWER TRANSISTORS
1993
logo
Inchange Semiconductor ...
2SK2133 ISC-2SK2133 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
NEC
2SK2133-Z NEC-2SK2133-Z Datasheet
366Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
logo
Renesas Technology Corp
2SK2133-Z RENESAS-2SK2133-Z Datasheet
605Kb / 10P
MOS FIELD EFFECT POWER TRANSISTORS
1993
More results


Similar Description - 2SK2133

ManufacturerPart #DatasheetDescription
logo
NEC
2SK611 NEC-2SK611 Datasheet
290Kb / 4P
MOS FIELD EFFECT POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SJ302 KEXIN-2SJ302 Datasheet
47Kb / 1P
Mos Field Effect Power Transistor
2SK1284 KEXIN-2SK1284 Datasheet
49Kb / 1P
MOS Field Effect Power Transistor
2SK1954 KEXIN-2SK1954 Datasheet
46Kb / 1P
MOS Field Effect Power Transistor
logo
Renesas Technology Corp
2SJ133 RENESAS-2SJ133 Datasheet
372Kb / 8P
MOS FIELD EFFECT POWER TRANSISTOR
2002
2SK1286 RENESAS-2SK1286 Datasheet
496Kb / 10P
MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK1760 RENESAS-2SK1760 Datasheet
499Kb / 9P
MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK1852 RENESAS-2SK1852 Datasheet
490Kb / 8P
MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK1953 RENESAS-2SK1953 Datasheet
539Kb / 11P
MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK2234 RENESAS-2SK2234 Datasheet
574Kb / 11P
MOS FIELD EFFECT POWER TRANSISTOR
1993
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com