Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ179 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SJ179 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SJ179
Download  2SJ179 Download
File Size   45.05 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Fied Effect Transistor

2SJ179 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ179 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ179
Download  2SJ179 Click to download

File Size   45.05 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Fied Effect Transistor

2SJ179 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SJ179 Product details

Features

• Directly driven by Ics having a 5V poer supply.

• Has low on-stage resistance

   RDS(on)=1.5 MAX.@VGS=-4.0 V, ID=-0.5A

   RDS(on)=1.0 MAX.@VGS=-10 V, ID=-0.5A

• Bidircetional Zener Diode for protection is incorporated betweent Gate and Source

• Inductive loads can be driven without protective circuit thanks to the and Source.



 




Similar Part No. - 2SJ179

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ179 NEC-2SJ179 Datasheet
320Kb / 6P
P-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
logo
Renesas Technology Corp
2SJ179 RENESAS-2SJ179 Datasheet
447Kb / 8P
Old Company Name in Catalogs and Other Documents
logo
VBsemi Electronics Co.,...
2SJ179 VBSEMI-2SJ179 Datasheet
1Mb / 8P
P-Channel 30-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
2SJ179-TP TECHPUBLIC-2SJ179-TP Datasheet
2Mb / 4P
P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Similar Description - 2SJ179

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ204 KEXIN-2SJ204 Datasheet
43Kb / 1P
MOS Fied Effect Transistor
2SJ203 KEXIN-2SJ203 Datasheet
42Kb / 1P
MOS Fied Effect Transistor
2SJ213 KEXIN-2SJ213 Datasheet
44Kb / 1P
MOS Fied Effect Transistor
2SJ166 KEXIN-2SJ166 Datasheet
44Kb / 1P
MOS Fied Effect Transistor
2SJ185 KEXIN-2SJ185 Datasheet
44Kb / 1P
MOS Fied Effect Transistor
2SJ205 KEXIN-2SJ205 Datasheet
43Kb / 1P
MOS Fied Effect Transistor
2SJ207 KEXIN-2SJ207 Datasheet
43Kb / 1P
MOS Fied Effect Transistor
2SJ209 KEXIN-2SJ209 Datasheet
42Kb / 1P
MOS Fied Effect Transistor
2SJ211 KEXIN-2SJ211 Datasheet
42Kb / 1P
MOS Fied Effect Transistor
2SJ212 KEXIN-2SJ212 Datasheet
44Kb / 1P
MOS Fied Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com