Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ325 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SJ325 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SJ325
Download  2SJ325 Download
File Size   53.08 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Power Transistors

2SJ325 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ325 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ325
Download  2SJ325 Click to download

File Size   53.08 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Power Transistors

2SJ325 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SJ325 Product details

Features
● Low on-state resistance
    RDS(on)=83m Ω  (VGS=-10V,ID=-2A)
    RDS(on)=0.15 Ω (VGS=-4V,ID=-1.6A)
● Built-in G-S Gate Protection Diode




Similar Part No. - 2SJ325

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ325 NEC-2SJ325 Datasheet
386Kb / 6P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Renesas Technology Corp
2SJ325 RENESAS-2SJ325 Datasheet
1Mb / 8P
MOS FIELD EFFECT TRANSISTOR
2006
More results


Similar Description - 2SJ325

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM25N05 ETC-RFM25N05 Datasheet
235Kb / 4P
POWER MOS FIELD EFFECT TRANSISTORS
2SJ133 ETC-2SJ133 Datasheet
89Kb / 2P
MOS Field Effect Power Transistors
2SJ137 ETC-2SJ137 Datasheet
100Kb / 2P
MOS Field Effect Power Transistors
2SJ141 ETC-2SJ141 Datasheet
99Kb / 2P
MOS Field Effect Power Transistors
2SK1498 ETC-2SK1498 Datasheet
93Kb / 2P
MOS Field Effect Power Transistors
logo
GE Solid State
IRFF110 GESS-IRFF110 Datasheet
176Kb / 5P
Power MOS Field-Effect Transistors
logo
New Jersey Semi-Conduct...
2N6898 NJSEMI-2N6898 Datasheet
284Kb / 2P
POWER MOS FIELD-EFFECT TRANSISTORS
RFK35N10 NJSEMI-RFK35N10 Datasheet
82Kb / 2P
Power MOS Field-Effect Transistors
logo
Renesas Technology Corp
2SK2136 RENESAS-2SK2136 Datasheet
564Kb / 10P
MOS FIELD EFFECT POWER TRANSISTORS
1993
UPA1702 RENESAS-UPA1702 Datasheet
226Kb / 10P
MOS FIELD EFFECT POWER TRANSISTORS
1996
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com