Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY64 Datasheet (PDF) - Vishay Siliconix

CNY64 Datasheet PDF - Vishay Siliconix
Part # CNY64
Download  CNY64 Download
File Size   174.63 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler with Phototransistor Output

CNY64 Datasheet (PDF)

Go To PDF Page Download Datasheet
CNY64 Datasheet PDF - Vishay Siliconix

Part # CNY64
Download  CNY64 Click to download

File Size   174.63 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler with Phototransistor Output

CNY64 Datasheet (HTML) - Vishay Siliconix


CNY64 Product details

DESCRIPTION

The CNY64/CNY65/CNY66 consist of a phototransistor optically coupled to a gallium arsenide infrared-emitting diode in a 4 pin plastic package.

The single components are mounted opposite one another, providing a distance between input and output for highest safety requirements of > 3 mm.



FEATURES

• Rated recurring peak voltage (repetitive) VIORM= 1000 VRMS

• Thickness through insulation ≥3 mm

• Creepage current resistance according to VDE 0303/IEC 60112 comparative tracking index: CTI ≥200

• Lead (Pb)-free component

• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC



APPLICATIONS

• Switch-mode power supplies

• Line receiver

• Computer peripheral interface

• Microprocessor system interface

• Circuits for safe protective separation against electrical shock according to safety class II (reinforced isolation):

- for appl. class I - IV at mains voltage ≤300 V

- for appl. class I - IV at mains voltage ≤600 V

- for appl. class I - III at mains voltage ≤1000 V according to DIN EN 60747-5-5 (VDE 0884)




Similar Part No. - CNY64

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64 VISHAY-CNY64 Datasheet
198Kb / 11P
Optocoupler, Phototransistor Output, Very High Isolation Voltage
26-Oct-04
CNY64 VISHAY-CNY64 Datasheet
132Kb / 9P
Optocoupler, Phototransistor Output,Very High Isolation Voltage
20-Oct-08
logo
Everlight Electronics C...
CNY64 EVERLIGHT-CNY64 Datasheet
686Kb / 9P
4 PIN DIP VERY HIGH ISOLATION VOLTAGE
CNY64 EVERLIGHT-CNY64 Datasheet
430Kb / 11P
4 PIN DIP VERY HIGH ISOLATION VOLTAGE PHOTOCOUPLER
CNY64 EVERLIGHT-CNY64 Datasheet
1Mb / 9P
4 PIN DIP VERY HIGH ISOLATION VOLTAGE PHOTOCOUPLER
More results


Similar Description - CNY64

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
Optocoupler with Phototransistor Output
11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
Optocoupler with Phototransistor Output
26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
Optocoupler with Phototransistor Output
11-Jan-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
Optocoupler with Phototransistor Output
11-Jan-99
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
Optocoupler with Phototransistor Output
26-Oct-04
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
Optocoupler with Phototransistor Output
08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
Optocoupler with Phototransistor Output
11-Jan-99
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
Optocoupler with Phototransistor Output
15-Dec-00
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
Optocoupler with Phototransistor Output
11-Jan-99
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com