Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ11017 Datasheet (PDF) - Inchange Semiconductor Company Limited

MJ11017 Datasheet PDF - Inchange Semiconductor Company Limited
Part # MJ11017
Download  MJ11017 Download

File Size   54.68 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Darlington Power Transistor

MJ11017 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ11017 Datasheet PDF - Inchange Semiconductor Company Limited

Part # MJ11017
Download  MJ11017 Click to download

File Size   54.68 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Darlington Power Transistor

MJ11017 Datasheet (HTML) - Inchange Semiconductor Company Limited

MJ11017 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ11017 Datasheet HTML 2Page - Inchange Semiconductor Company Limited

MJ11017 Product details

DESCRIPTION
• High DC Current Gain-
    : hFE = 400(Min)@ IC= -10A
• Collector-Emitter Sustaining Voltage-
    : VCEO(SUS) = -150V(Min)
• Low Collector-Emitter Saturation Voltage-
    : VCE(sat) = -2.0V(Max)@ IC= -10A
                      = -3.4V(Max)@ IC= -15A
• Complement to Type MJ11018

APPLICATIONS
• Designed for general purpose amplifiers ,low frequency switching and motor control applications.




Similar Part No. - MJ11017

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ11017 MOSPEC-MJ11017 Datasheet
206Kb / 4P
   POWER TRANSISTORS(15A,150-250V,175W)
logo
Motorola, Inc
MJ11017 MOTOROLA-MJ11017 Datasheet
235Kb / 6P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
logo
ON Semiconductor
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
Wing Shing Computer Com...
MJ11017 WINGS-MJ11017 Datasheet
21Kb / 1P
   PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
New Jersey Semi-Conduct...
MJ11017 NJSEMI-MJ11017 Datasheet
113Kb / 2P
   PNP SILICON DARLINGTON TRANSISTOR
More results


Similar Description - MJ11017

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N6041 ISC-2N6041 Datasheet
151Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1100 ISC-2SB1100 Datasheet
154Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BDX6A ISC-BDX6A Datasheet
190Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SA1046 ISC-2SA1046 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB786 ISC-2SB786 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJH11017 ISC-MJH11017 Datasheet
136Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BD646F ISC-BD646F Datasheet
279Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1253 ISC-2SB1253_16 Datasheet
189Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1431 ISC-2SB1431 Datasheet
263Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com